Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3333ARMZ-3.3-R71 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3333ARMZ-3.3-R71
Description  High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3333ARMZ-3.3-R71 Datasheet(HTML) 1 Page - Analog Devices

  ADP3333ARMZ-3.3-R71 Datasheet HTML 1Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 2Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 3Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 4Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 5Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 6Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 7Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 8Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
High Accuracy Ultralow IQ, 300 mA,
anyCAP Low Dropout Regulator
ADP3333
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2001–2009 Analog Devices, Inc. All rights reserved.
FEATURES
High accuracy over line and load: ±0.8% @ 25°C,
±1.8% over temperature
Ultralow dropout voltage: 230 mV (maximum) @ 300 mA
Requires only C
OUT = 1.0 µF for stability
anyCAP is stable with any type of capacitor (including MLCC)
Current and thermal limiting
Low noise
Low shutdown current: < 1 µA
2.6 V to 12 V supply range
−40°C to +85°C ambient temperature range
Ultrasmall 8-lead MSOP package
APPLICATIONS
Cellular phones
PCMCIA cards
Personal digital assistants (PDAs)
DSP/ASIC supplies
FUNCTIONAL BLOCK DIAGRAM
THERMAL
PROTECTION
CC
IN
ADP3333
OUT
GND
Q1
BAND GAP
REF
DRIVER
gm
SD
R1
R2
Figure 1.
GENERAL DESCRIPTION
The ADP3333 is a member of the ADP333x family of precision
low dropout (LDO) anyCAP® voltage regulators. Pin compatible
with the MAX8860, the ADP3333 operates with a wider input
voltage range of 2.6 V to 12 V and delivers a load current up to
300 mA. ADP3333 stands out from other conventional LDOs
with a novel architecture and an enhanced process that enables
it to offer performance advantages over its competition. Its
patented design requires only a 1.0 μF output capacitor for
stability. This device is insensitive to output capacitor equivalent
series resistance (ESR) and is stable with any good quality
capacitor, including ceramic (MLCC) types for space-restricted
applications. The ADP3333 achieves exceptional accuracy of
±0.8% at room temperature and ±1.8% over temperature, line,
and load variations. The dropout voltage of the ADP3333 is
only 140 mV (typical) at 300 mA. This device also includes a
safety current limit, thermal overload protection, and a shutdown
feature. In shutdown mode, the ground current is reduced to
less than 1 μA. The ADP3333 has ultralow quiescent current,
70 μA (typical) in light load situations.
ADP3333
NC
IN
GND
VOUT
ON
OFF
OUT
SD
NC = NO CONNECT
4
1
2
7
3
+
COUT
1µF
CIN
1µF
VIN
+
Figure 2. Typical Application Circuit


Similar Part No. - ADP3333ARMZ-3.3-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3333ARMZ-3.3-R71 AD-ADP3333ARMZ-3.3-R71 Datasheet
245Kb / 12P
High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
More results

Similar Description - ADP3333ARMZ-3.3-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV.0
ADP3335 AD-ADP3335 Datasheet
639Kb / 8P
High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator
REV.0
ADP3336 AD-ADP3336 Datasheet
364Kb / 8P
High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV.0
ADP3335 AD-ADP3335_12 Datasheet
263Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. C
ADP3330ARTZ-2.75R7 AD-ADP3330ARTZ-2.75R7 Datasheet
141Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-2.85 AD-ADP3335ARM-2.85 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3333ARM-2.5 AD-ADP3333ARM-2.5 Datasheet
245Kb / 12P
High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com