Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3333ARMZ-3.3-R71 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3333ARMZ-3.3-R71
Description  High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3333ARMZ-3.3-R71 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3333ARMZ-3.3-R71 Datasheet HTML 2Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 3Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 4Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 5Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 6Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 7Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 8Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 9Page - Analog Devices ADP3333ARMZ-3.3-R71 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADP3333
Rev. B | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
2.502
2.500
2.498
2.496
2.494
2.492
2.490
2.488
INPUT VOLTAGE (V)
3
4
5
6
7
8
9
10
11
12
0mA
100mA
200mA
300mA
VOUT = 2.5V
Figure 4. Line Regulation Output Voltage vs. Input Voltage
OUTPUT CURRENT (mA)
2.502
2.500
2.494
2.492
2.490
2.488
2.498
2.496
0
50
100
150
200
250
300
VIN = 6V
VOUT = 2.5V
Figure 5. Output Voltage vs. Output Current
INPUT VOLTAGE (V)
140
60
0
120
100
40
20
80
IL = 100µA
IL = 0µA
VOUT = 2.5V
0
2
4
6
8
10
12
Figure 6. Ground Current vs. Input Voltage
OUTPUT CURRENT (mA)
0
0.5
1.0
1.5
2.0
2.5
0
50
100
150
200
250
300
VIN = 6V
Figure 7. Ground Current vs. Output Current
1.0
0.5
0.6
0.9
0.8
0.7
0
0.2
0.1
0.4
0.3
–0.2
–0.3
–0.1
–0.4
0mA
200mA
300mA
JUNCTION TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
0mA
Figure 8. Output Voltage Variation % vs. Junction Temperature
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
JUNCTION TEMPERATURE (°C)
VIN = 6V
IL = 100mA
IL = 200mA
IL = 300mA
IL = 0mA
–50
–25
0
25
50
75
100
125
Figure 9. Ground Current vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com