Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080 Datasheet(PDF) 22 Page - Microchip Technology

Part # SST25WF080
Description  8 Mbit 1.8V SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080 Datasheet(HTML) 22 Page - Microchip Technology

Back Button SST25WF080_12 Datasheet HTML 18Page - Microchip Technology SST25WF080_12 Datasheet HTML 19Page - Microchip Technology SST25WF080_12 Datasheet HTML 20Page - Microchip Technology SST25WF080_12 Datasheet HTML 21Page - Microchip Technology SST25WF080_12 Datasheet HTML 22Page - Microchip Technology SST25WF080_12 Datasheet HTML 23Page - Microchip Technology SST25WF080_12 Datasheet HTML 24Page - Microchip Technology SST25WF080_12 Datasheet HTML 25Page - Microchip Technology SST25WF080_12 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
©2012 Silicon Storage Technology, Inc.
DS25024C
10/12
22
8 Mbit 1.8V SPI Serial Flash
SST25WF080
Not Recommended for New Designs
Write-Status-Register (WRSR)
The Write-Status-Register instruction writes new values to the BP3, BP2, BP1, BP0, and BPL bits of
the status register. CE# must be driven low before the command sequence of the WRSR instruction is
entered and driven high before the WRSR instruction is executed. See Figure 21 for EWSR or WREN
and WRSR instruction sequences.
Executing the Write-Status-Register instruction will be ignored when WP# is low and BPL bit is set to
‘1’. When the WP# is low, the BPL bit can only be set from ‘0’ to ‘1’ to lock-down the status register, but
cannot be reset from ‘1’ to ‘0’. When WP# is high, the lock-down function of the BPL bit is disabled and
the BPL, BP0, BP1, BP2, and BP3 bits in the status register can all be changed. As long as BPL bit is
set to ‘0’ or WP# pin is driven high (VIH) prior to the low-to-high transition of the CE# pin at the end of
the WRSR instruction, the bits in the status register can all be altered by the WRSR instruction. In this
case, a single WRSR instruction can set the BPL bit to ‘1’ to lock down the status register as well as
altering the BP0, BP1, BP2, and BP3 bits at the same time. See Table 3 for a summary description of
WP# and BPL functions.
Figure 21:Enable-Write-Status-Register (EWSR) or Write-Enable (WREN) and Write-Sta-
tus-Register (WRSR) Sequence
Enable-Hold (EHLD)
The 8-bit command, AAH, Enable-Hold instruction enables the HOLD functionality of the RST#/
HOLD# pin. CE# must remain active low for the duration of the Enable-Hold instruction sequence. CE#
must be driven high before the instruction is executed. See Figure 22 for the Enable-Hold instruction
sequence.
Figure 22:Enable-Hold Sequence
1203 F20.0
MODE 3
HIGH IMPEDANCE
MODE 0
STATUS
REGISTER IN
7 65 4321 0
MSB
MSB
MSB
01
MODE 3
SCK
SI
SO
CE#
MODE 0
50 or 06
0 1 2 3 4 5 6 7
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
CE#
SO
SI
SCK
01 2 3 4 5 6 7
AA
HIGH IMPEDANCE
MODE 0
MODE 3
1203 F21.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com