Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080 Datasheet(PDF) 28 Page - Microchip Technology

Part # SST25WF080
Description  8 Mbit 1.8V SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080 Datasheet(HTML) 28 Page - Microchip Technology

Back Button SST25WF080_12 Datasheet HTML 24Page - Microchip Technology SST25WF080_12 Datasheet HTML 25Page - Microchip Technology SST25WF080_12 Datasheet HTML 26Page - Microchip Technology SST25WF080_12 Datasheet HTML 27Page - Microchip Technology SST25WF080_12 Datasheet HTML 28Page - Microchip Technology SST25WF080_12 Datasheet HTML 29Page - Microchip Technology SST25WF080_12 Datasheet HTML 30Page - Microchip Technology SST25WF080_12 Datasheet HTML 31Page - Microchip Technology SST25WF080_12 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
©2012 Silicon Storage Technology, Inc.
DS25024C
10/12
28
8 Mbit 1.8V SPI Serial Flash
SST25WF080
Not Recommended for New Designs
AC Characteristics
Table 15: AC Operating Characteristics
Limits - 33 MHz
Limits - 75 MHz
Symbol
Parameter
Min
Max
Min
Max
Units
FCLK1
1. Maximum clock frequency for Read instruction, 03H, is 33 MHz
Serial Clock Frequency
33
75
MHz
TSCKH
Serial Clock High Time
13
6
ns
TSCKL
Serial Clock Low Time
13
6
ns
TSCKR
Serial Clock Rise Time
0.1
0.1
v/ns
TSCKF
Serial Clock Fall Time
0.1
0.1
v/ns
TCES2
2. Relative to SCK
CE# Active Setup Time
12
5
ns
TCEH2
CE# Active Hold Time
12
5
ns
TCHS2
CE# Not Active Setup Time
10
5
ns
TCHH2
CE# Not Active Hold Time
10
5
ns
TCPH
CE# High Time
50
25
ns
TCHZ
CE# High to High-Z Output
20
7
ns
TCLZ
SCK Low to Low-Z Output
0
0
ns
TDS
Data In Setup Time
5
2
ns
TDH
Data In Hold Time
5
4
ns
THLS
HOLD# Low Setup Time
10
6
ns
THHS
HOLD# High Setup Time
10
6
ns
THLH
HOLD# Low Hold Time
15
6
ns
THHH
HOLD# High Hold Time
10
6
ns
THZ
HOLD# Low to High-Z Output
20
7
ns
TLZ
HOLD# High to Low-Z Output
20
7
ns
TOH
Output Hold from SCK Change
0
0
ns
TV
Output Valid from SCK
12
6
ns
TSE
Sector-Erase
30
30
ms
TBE
Block-Erase
30
30
ms
TSCE
Chip-Erase
60
60
ms
TBP3
3. AAI-Word Program TBP maximum specification is also at 25 µs maximum time
Byte-Program
25
25
µs
T15.2 25024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com