Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080 Datasheet(PDF) 23 Page - Microchip Technology

Part # SST25WF080
Description  8 Mbit 1.8V SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080 Datasheet(HTML) 23 Page - Microchip Technology

Back Button SST25WF080_12 Datasheet HTML 19Page - Microchip Technology SST25WF080_12 Datasheet HTML 20Page - Microchip Technology SST25WF080_12 Datasheet HTML 21Page - Microchip Technology SST25WF080_12 Datasheet HTML 22Page - Microchip Technology SST25WF080_12 Datasheet HTML 23Page - Microchip Technology SST25WF080_12 Datasheet HTML 24Page - Microchip Technology SST25WF080_12 Datasheet HTML 25Page - Microchip Technology SST25WF080_12 Datasheet HTML 26Page - Microchip Technology SST25WF080_12 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
©2012 Silicon Storage Technology, Inc.
DS25024C
10/12
23
8 Mbit 1.8V SPI Serial Flash
SST25WF080
Not Recommended for New Designs
Read-ID
The Read-ID instruction identifies the manufacturer as SST and the device as SST25WF080. Use the
Read-ID instruction to identify SST device when using multiple manufacturers in the same socket. See
Table 7.
The device information is read by executing an 8-bit command, 90H or ABH, followed by address bits
[A23-A0]. Following the Read-ID instruction, the manufacturer’s ID is located in address 000000H and
the device ID is located in address 000001H. Once the device is in Read-ID mode, the manufacturer’s
and device ID output data toggles between address 000000H and 000001H until terminated by a low
to high transition on CE#.
Figure 23:Read-ID Sequence
Table 7: Product Identification
Address
Data
Manufacturer’s ID
000000H
BFH
Device ID
SST25WF080
000001H
05H
T7.25024
1203 F22.0
CE#
SO
SI
SCK
00
01 2 3 4 5 6 7 8
00
ADD
90 or AB
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63
BF
Device ID
BF
Device ID
Note: 1. The manufacturer's and device ID output stream is continuous until terminated by a low to high transition on CE#.
2. 00H will output the manfacturer's ID first and 01H will output device ID first before toggling between the two.
HIGH
IMPEDANCE
MODE 3
MODE 0
MSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com