Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8657ARMZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8657ARMZ-R7
Description  18 V, Precision, Micropower CMOS RRIO Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657ARMZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8657ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 16Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 17Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 18Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 19Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8657
Rev. A | Page 17 of 24
APPLICATIONS INFORMATION
The AD8657 is a low power, rail-to-rail input and output
precision CMOS amplifier that operates over a wide supply
voltage range of 2.7 V to 18 V. This amplifier uses the Analog
Devices DigiTrim technique to achieve a higher degree of
precision than is available from other CMOS amplifiers. The
DigiTrim technique is a method of trimming the offset voltage
of an amplifier after assembly. The advantage of postpackage
trimming is that it corrects any shifts in offset voltage caused by
mechanical stresses of assembly.
The AD8657 also employs unique input and output stages to
achieve a rail-to-rail input and output range with a very low
supply current.
INPUT STAGE
Figure 63 shows the simplified schematic of the AD8657. The
input stage comprises two differential transistor pairs, an NMOS
pair (M1, M2) and a PMOS pair (M3, M4). The input common-
mode voltage determines which differential pair turns on and is
more active than the other.
The PMOS differential pair is active when the input voltage
approaches and reaches the lower supply rail. The NMOS pair
is needed for input voltages up to and including the upper supply
rail. This topology allows the amplifier to maintain a wide
dynamic input voltage range and to maximize signal swing to
both supply rails.
For the majority of the input common-mode voltage range, the
PMOS differential pair is active. Differential pairs commonly
exhibit different offset voltages. The handoff from one pair to the
other creates a step-like characteristic that is visible in the VOS vs.
VCM graph (see Figure 5 and Figure 8). This is inherent in all rail-
to-rail amplifiers that use the dual differential pair topology.
Therefore, always choose a common-mode voltage that does not
include the region of handoff from one input differential pair to
the other.
Additional steps in the VOS vs. VCM curves are also visible as the
input common-mode voltage approaches the power supply rails.
These changes are a result of the load transistors (M8, M9, M14,
and M15) running out of headroom. As the load transistors are
forced into the triode region of operation, the mismatch of their
drain impedances contributes to the offset voltage of the amplifier.
This problem is exacerbated at high temperatures due to the
decrease in the threshold voltage of the input transistors (see
Figure 9, Figure 10, Figure 12, and Figure 13 for typical perfor-
mance data).
Current Source I1 drives the PMOS transistor pair. As the input
common-mode voltage approaches the upper rail, I1 is steered
away from the PMOS differential pair through the M5 transistor.
The bias voltage, VB1, controls the point where this transfer occurs.
M5 diverts the tail current into a current mirror consisting of the
M6 and M7 transistors. The output of the current mirror then
drives the NMOS pair. Note that the activation of this current
mirror causes a slight increase in supply current at high common-
mode voltages (see Figure 23 and Figure 26 for more details).
The AD8657 achieves its high performance by using low voltage
MOS devices for its differential inputs. These low voltage MOS
devices offer excellent noise and bandwidth per unit of current.
Each differential input pair is protected by proprietary regulation
circuitry (not shown in the simplified schematic). The regula-
tion circuitry consists of a combination of active devices that
maintain the proper voltages across the input pairs during normal
operation and passive clamping devices that protect the amplifier
during fast transients. However, these passive clamping devices
begin to forward bias as the common-mode voltage approaches
either power supply rail. This causes an increase in the input
bias current (see Figure 15 and Figure 18).
The input devices are also protected from large differential
input voltages by clamp diodes (D1 and D2). These diodes are
buffered from the inputs with two 10 kΩ resistors (R1 and R2).
The differential diodes turn on whenever the differential voltage
exceeds approximately 600 mV; in this condition, the differential
input resistance drops to 20 kΩ.
OUTPUT STAGE
The AD8657 features a complementary output stage consisting
of the M16 and M17 transistors. These transistors are configured
in Class AB topology and are biased by the voltage source, VB2.
This topology allows the output voltage to go within millivolts
of the supply rails, achieving a rail-to-rail output swing. The output
voltage is limited by the output impedance of the transistors, which
are low RON MOS devices. The output voltage swing is a function
of the load current and can be estimated using the output voltage to
the supply rail vs. load current diagrams (see Figure 16, Figure 17,
Figure 19, and Figure 20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com