Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8657ARMZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8657ARMZ-R7
Description  18 V, Precision, Micropower CMOS RRIO Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657ARMZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  AD8657ARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD8657
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Pin Configuration............................................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—2.7 V Operation ............................ 3
 
Electrical Characteristics—10 V Operation ............................. 4
 
Electrical Characteristics—18 V Operation ............................. 5
 
Absolute Maximum Ratings............................................................ 6
 
Thermal Resistance ...................................................................... 6
 
ESD Caution.................................................................................. 6
 
Typical Performance Characteristics ............................................. 7
 
Applications Information .............................................................. 17
 
Input Stage................................................................................... 17
 
Output Stage................................................................................ 17
 
Rail to Rail ................................................................................... 18
 
Resistive Load ............................................................................. 18
 
Comparator Operation.............................................................. 19
 
EMI Rejection Ratio .................................................................. 20
 
4 mA to 20 mA Process Control Current Loop
Transmitter.................................................................................. 20
 
Outline Dimensions ....................................................................... 21
 
Ordering Guide .......................................................................... 21
 
REVISION HISTORY
3/11—Rev. 0 to Rev. A
Added LFCSP Package Information ........................... Throughout
Added Figure 2, Renumbered Subsequent Figures ...................1
Changes to Table 2, Introductory Text; Input Characteristics,
Offset Voltage and Common-Mode Rejection Ratio Test
Conditions/Comments; and Dynamic Performance, Phase
Margin Values ................................................................................... 3
Changes to Table 3, Introductory Text; Input Characteristics,
Offset Voltage and Common-Mode Rejection Ratio Test
Conditions/Comments .................................................................... 4
Changes to Table 4, Introductory Text; Input Characteristics,
Offset Voltage and Common-Mode Rejection Ratio Test
Conditions/Comments .................................................................... 5
Changes to Thermal Resistance Section and Table 5................... 6
Updated Outline Dimensions ....................................................... 21
Changes to Ordering Guide .......................................................... 21
1/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com