Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8420FSZ2 Datasheet(PDF) 8 Page - Analog Devices

Part # DAC8420FSZ2
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420FSZ2 Datasheet(HTML) 8 Page - Analog Devices

Back Button DAC8420FSZ2 Datasheet HTML 4Page - Analog Devices DAC8420FSZ2 Datasheet HTML 5Page - Analog Devices DAC8420FSZ2 Datasheet HTML 6Page - Analog Devices DAC8420FSZ2 Datasheet HTML 7Page - Analog Devices DAC8420FSZ2 Datasheet HTML 8Page - Analog Devices DAC8420FSZ2 Datasheet HTML 9Page - Analog Devices DAC8420FSZ2 Datasheet HTML 10Page - Analog Devices DAC8420FSZ2 Datasheet HTML 11Page - Analog Devices DAC8420FSZ2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
DAC8420
Rev. B | Page 8 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD 1
VOUTD 2
VOUTC 3
VREFLO 4
CLSEL
16
CLR
15
LD
14
NC
13
VREFHI 5
VOUTB 6
VOUTA 7
CS
12
CLK
11
SDI
10
VSS 8
GND
9
NC = NO CONNECT
DAC8420
TOP VIEW
(Not to Scale)
Figure 4. PDIP and CERDIP
VDD 1
VOUTD 2
VOUTC 3
VREFLO 4
CLSEL
16
CLR
15
LD
14
NC
13
VREFHI 5
CS
12
VOUTB 6
CLK
11
VOUTA 7
SDI
10
VSS 8
GND
9
NC = NO CONNECT
DAC8420
TOP VIEW
(Not to Scale)
Figure 5. SOIC
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Power Supply, 5 V to 15 V.
4
VREFLO
Reference Input. Lower DAC ladder reference voltage input, equal to zero-scale output. Allowable
range is VSS to (VVREFHI − 2.5 V).
5
VREFHI
Reference Input. Upper DAC ladder reference voltage input. Allowable range is (VDD − 2.5 V) to
(VVREFLO + 2.5 V).
7, 6, 3, 2
VOUTA through VOUTD
Buffered DAC Analog Voltage Outputs.
8
VSS
Negative Power Supply, 0 V to −15 V.
9
GND
Power Supply, Digital Ground.
10
SDI
Serial Data Input. Data presented to this pin is loaded into the internal serial-parallel shift register,
which shifts data in, beginning with DAC Address Bit A1. This input is ignored when CS is high. SDI
is CMOS/TTL compatible. The format of the 16-bit serial word is shown in Table 8.
11
CLK
System Serial Data Clock Input, TTL/CMOS Levels. Data presented to the input SDI is shifted into
the internal serial-parallel input register on the rising edge of clock. This input is logically OR’ed
with CS.
12
CS
Control Input, Device Chip Select, Active Low. This input is logically OR’ed with the clock and
disables the serial data register input when high. When low, data input clocking is enabled (see
Table 6). CS is CMOS/TTL compatible.
13
NC
No Connect = Don’t Care.
14
LD
Control Input, Asynchronous DAC Register Load Control, Active Low. The data currently contained
in the serial input shift register is shifted out to the DAC data registers on the falling edge of LD,
independent of CS. Input data must remain stable while LD is low. LD is CMOS/TTL compatible.
15
CLR
Control Input, Asynchronous Clear, Active Low. Sets internal data Register A through Register D to
zero or midscale, depending on current state of CLSEL. The data in the serial input shift register is
unaffected by this control. CLR is CMOS/TTL compatible.
16
CLSEL
Control Input, Determines action of CLR. If high, a clear command sets the internal DAC Register A
through Register D to midscale (0x800). If low, the registers are set to zero (0x000). CLSEL is CMOS
/
TTL compatible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com