Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8420FSZ2 Datasheet(PDF) 16 Page - Analog Devices

Part # DAC8420FSZ2
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420FSZ2 Datasheet(HTML) 16 Page - Analog Devices

Back Button DAC8420FSZ2 Datasheet HTML 12Page - Analog Devices DAC8420FSZ2 Datasheet HTML 13Page - Analog Devices DAC8420FSZ2 Datasheet HTML 14Page - Analog Devices DAC8420FSZ2 Datasheet HTML 15Page - Analog Devices DAC8420FSZ2 Datasheet HTML 16Page - Analog Devices DAC8420FSZ2 Datasheet HTML 17Page - Analog Devices DAC8420FSZ2 Datasheet HTML 18Page - Analog Devices DAC8420FSZ2 Datasheet HTML 19Page - Analog Devices DAC8420FSZ2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
DAC8420
Rev. B | Page 16 of 24
VREFHI INPUT REQUIREMENTS
The DAC8420 utilizes a unique, patented DAC switch driver
circuit that compensates for different supply, reference voltage,
and digital code inputs. This ensures that all DAC ladder switches
are always biased equally, ensuring excellent linearity under all
conditions. Thus, as shown in Table 1, the VREFHI input of the
DAC8420 requires both sourcing and sinking current capabili-
ties from the reference voltage source. Many positive voltage
references are intended as current sources only and offer little
sinking capability. The user should consider references such as
the AD584, AD586, AD587, AD588, AD780, and REF43 for
such an application.
POWER-UP SEQUENCE
To prevent a CMOS latch-up condition, power up VDD, VSS,
and GND prior to any reference voltages. The ideal power-up
sequence is GND, VSS, VDD, VREFHI, VREFLO, and digital
inputs. Noncompliance with the power-up sequence over an
extended period can elevate the reference currents and eventually
damage the device. On the other hand, if the noncompliant
power-up sequence condition is as short as a few milliseconds,
the device can resume normal operation without being damaged
once VDD/VSS is powered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com