Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8420FSZ2 Datasheet(PDF) 23 Page - Analog Devices

Part # DAC8420FSZ2
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420FSZ2 Datasheet(HTML) 23 Page - Analog Devices

Back Button DAC8420FSZ2 Datasheet HTML 16Page - Analog Devices DAC8420FSZ2 Datasheet HTML 17Page - Analog Devices DAC8420FSZ2 Datasheet HTML 18Page - Analog Devices DAC8420FSZ2 Datasheet HTML 19Page - Analog Devices DAC8420FSZ2 Datasheet HTML 20Page - Analog Devices DAC8420FSZ2 Datasheet HTML 21Page - Analog Devices DAC8420FSZ2 Datasheet HTML 22Page - Analog Devices DAC8420FSZ2 Datasheet HTML 23Page - Analog Devices DAC8420FSZ2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
DAC8420
Rev. B | Page 23 of 24
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
0.840 (21.34) MAX
15°
0°
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
0.200 (5.08)
MAX
0.200 (5.08)
0.125 (3.18)
0.023 (0.58)
0.014 (0.36)
0.310 (7.87)
0.220 (5.59)
0.005 (0.13) MIN
0.098 (2.49) MAX
0.100 (2.54) BSC
PIN 1
1
8
9
16
SEATING
PLANE
0.150
(3.81)
MIN
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
Figure 40. 16-Lead Ceramic Dual In-Line Package [CERDIP]
(Q-16)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
INL1 (±LSB)
DAC8420EP
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
0.5
DAC8420EPZ2
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
0.5
DAC8420ES
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
0.5
DAC8420ES-REEL
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
0.5
DAC8420ESZ2
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
0.5
DAC8420ESZ-REEL2
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
0.5
DAC8420FP
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
1.0
DAC8420FPZ2
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
1.0
DAC8420FQ
−40°C to +85°C
16-Lead Ceramic Dual In-Line Package [CERDIP]
Q-16
1.0
DAC8420FS
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
1.0
DAC8420FS-REEL
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
1.0
DAC8420FSZ2
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
1.0
DAC8420FSZ-REEL2
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
1.0
1 INL measured at VDD = +15 V and VSS = −15 V.
2 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com