Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F407IGH6 Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32F407IGH6
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IGH6 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32F407IGH6 Datasheet HTML 73Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 74Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 75Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 76Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 77Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 78Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 79Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 80Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 185 page
background image
DocID022152 Rev 4
77/185
STM32F405xx, STM32F407xx
Electrical characteristics
5.3
Operating conditions
5.3.1
General operating conditions
Table 12. Current characteristics
Symbol
Ratings
Max.
Unit
IVDD
Total current into VDD power lines (source)(1)
1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power
supply, in the permitted range.
150
mA
IVSS
Total current out of VSS ground lines (sink)(1)
150
IIO
Output current sunk by any I/O and control pin
25
Output current source by any I/Os and control pin
25
IINJ(PIN) (2)
2. Negative injection disturbs the analog performance of the device. See note in Section 5.3.20: 12-bit ADC
characteristics.
Injected current on five-volt tolerant I/O(3)
3. Positive injection is not possible on these I/Os. A negative injection is induced by VIN<VSS. IINJ(PIN) must
never be exceeded. Refer to Table 11 for the values of the maximum allowed input voltage.
–5/+0
Injected current on any other pin(4)
4. A positive injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS. IINJ(PIN) must
never be exceeded. Refer to Table 11 for the values of the maximum allowed input voltage.
±5
ΣIINJ(PIN)(4)
Total injected current (sum of all I/O and control pins)(5)
5. When several inputs are submitted to a current injection, the maximum
ΣIINJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values).
±25
Table 13. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature
125
°C
Table 14. General operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHCLK
Internal AHB clock frequency
VOS bit in PWR_CR register = 0(1)
0
144
MHz
VOS bit in PWR_CR register= 1
0
168
fPCLK1
Internal APB1 clock frequency
0
42
fPCLK2
Internal APB2 clock frequency
0
84
VDD
Standard operating voltage
1.8(2)
3.6
V
VDDA(3)(4)
Analog operating voltage
(ADC limited to 1.2 M samples)
Must be the same potential as
VDD(5)
1.8(2)
2.4
V
Analog operating voltage
(ADC limited to 1.4 M samples)
2.4
3.6
VBAT
Backup operating voltage
1.65
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com