Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F407IGH6 Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM32F407IGH6
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IGH6 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32F407IGH6 Datasheet HTML 90Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 91Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 92Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 93Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 94Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 95Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 96Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 97Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 185 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
94/185
DocID022152 Rev 4
AHB3
FSMC
2.18
1.67
mA
APB1
TIM2
0.80
0.61
TIM3
0.58
0.44
TIM4
0.62
0.48
TIM5
0.79
0.61
TIM6
0.15
0.11
TIM7
0.16
0.12
TIM12
0.33
0.26
TIM13
0.27
0.21
TIM14
0.27
0.21
PWR
0.04
0.03
USART2
0.17
0.13
USART3
0.17
0.13
UART4
0.17
0.13
UART5
0.17
0.13
I2C1
0.17
0.13
I2C2
0.18
0.13
I2C3
0.18
0.13
SPI2/I2S2(2)
0.17/0.16
0.13/0.12
SPI3/I2S3(2)
0.16/0.14
0.12/0.12
CAN1
0.27
0.21
CAN2
0.26
0.20
DAC
0.14
0.10
DAC channel 1(3)
0.91
0.89
DAC channel 2(4)
0.91
0.89
DAC channel 1 and
2(3)(4)
1.69
1.68
WWDG
0.04
0.04
Table 27. Peripheral current consumption (continued)
Peripheral(1)
168 MHz
144 MHz
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com