Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F407IGH6 Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32F407IGH6
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IGH6 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32F407IGH6 Datasheet HTML 84Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 85Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 86Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 87Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 88Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 89Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 90Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 91Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 185 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
88/185
DocID022152 Rev 4
Table 23. Typical and maximum current consumptions in Stop mode
Symbol
Parameter
Conditions
Typ
Max
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD_STOP
Supply
current in
Stop mode
with main
regulator in
Run mode
Flash in Stop mode, low-speed and high-
speed internal RC oscillators and high-speed
oscillator OFF (no independent watchdog)
0.45
1.5
11.00
20.00
mA
Flash in Deep power down mode, low-speed
and high-speed internal RC oscillators and
high-speed oscillator OFF (no independent
watchdog)
0.40
1.5
11.00
20.00
Supply
current in
Stop mode
with main
regulator in
Low Power
mode
Flash in Stop mode, low-speed and high-
speed internal RC oscillators and high-speed
oscillator OFF (no independent watchdog)
0.31
1.1
8.00
15.00
Flash in Deep power down mode, low-speed
and high-speed internal RC oscillators and
high-speed oscillator OFF (no independent
watchdog)
0.28
1.1
8.00
15.00
Table 24. Typical and maximum current consumptions in Standby mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
TA = 25 °C
TA =
85 °C
TA =
105 °C
VDD =
1.8 V
VDD=
2.4 V
VDD =
3.3 V
VDD = 3.6 V
IDD_STBY
Supply current
in Standby
mode
Backup SRAM ON, low-
speed oscillator and RTC ON
3.0
3.4
4.0
20
36
µA
Backup SRAM OFF, low-
speed oscillator and RTC ON
2.4
2.7
3.3
16
32
Backup SRAM ON, RTC
OFF
2.4
2.6
3.0
12.5
24.8
Backup SRAM OFF, RTC
OFF
1.7
1.9
2.2
9.8
19.2
1. Based on characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com