Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F407IGH6 Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32F407IGH6
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IGH6 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32F407IGH6 Datasheet HTML 97Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 98Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 99Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 100Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 101Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 102Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 103Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 104Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 185 page
background image
DocID022152 Rev 4
101/185
STM32F405xx, STM32F407xx
Electrical characteristics
Table 35. Main PLL characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock(1)
0.95(2)
12.10
MHz
fPLL_OUT
PLL multiplier output clock
24
-
168
MHz
fPLL48_OUT
48 MHz PLL multiplier output
clock
-48
75
MHz
fVCO_OUT
PLL VCO output
192
-
432
MHz
tLOCK
PLL lock time
VCO freq = 192 MHz
75
-
200
µs
VCO freq = 432 MHz
100
-
300
Jitter(3)
Cycle-to-cycle jitter
System clock
120 MHz
RMS
-
25
-
ps
peak
to
peak
-
±150
-
Period Jitter
RMS
-
15
-
peak
to
peak
-
±200
-
Main clock output (MCO) for
RMII Ethernet
Cycle to cycle at 50 MHz
on 1000 samples
-32
-
Main clock output (MCO) for MII
Ethernet
Cycle to cycle at 25 MHz
on 1000 samples
-40
-
Bit Time CAN jitter
Cycle to cycle at 1 MHz
on 1000 samples
-
330
-
IDD(PLL)(4)
PLL power consumption on VDD
VCO freq = 192 MHz
VCO freq = 432 MHz
0.15
0.45
-
0.40
0.75
mA
IDDA(PLL)(4)
PLL power consumption on
VDDA
VCO freq = 192 MHz
VCO freq = 432 MHz
0.30
0.55
-
0.40
0.85
mA
1. Take care of using the appropriate division factor M to obtain the specified PLL input clock values. The M factor is shared
between PLL and PLLI2S.
2. Guaranteed by design, not tested in production.
3. The use of 2 PLLs in parallel could degraded the Jitter up to +30%.
4. Based on characterization, not tested in production.
Table 36. PLLI2S (audio PLL) characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLLI2S_IN
PLLI2S input clock(1)
0.95(2)
12.10
MHz
fPLLI2S_OUT
PLLI2S multiplier output clock
-
-
216
MHz
fVCO_OUT
PLLI2S VCO output
192
-
432
MHz
tLOCK
PLLI2S lock time
VCO freq = 192 MHz
75
-
200
µs
VCO freq = 432 MHz
100
-
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com