Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F407IGH6 Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32F407IGH6
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IGH6 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32F407IGH6 Datasheet HTML 106Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 107Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 108Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 109Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 110Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 111Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 112Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 113Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 185 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
110/185
DocID022152 Rev 4
All I/Os are CMOS and TTL compliant (no software configuration required). Their
characteristics cover more than the strict CMOS-technology or TTL parameters.
Output driving current
The GPIOs (general purpose input/outputs) can sink or source up to
±8 mA, and sink or
source up to
±20 mA (with a relaxed VOL/VOH) except PC13, PC14 and PC15 which can
sink or source up to
±3mA. When using the PC13 to PC15 GPIOs in output mode, the
speed should not exceed 2 MHz with a maximum load of 30 pF.
Table 47. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
TTL ports
2.7 V ≤ VDD ≤ 3.6 V
--
0.8
V
VIH(1) Input high level voltage
2.0
-
-
VIL
Input low level voltage
CMOS ports
1.8 V ≤ VDD ≤ 3.6 V
-
-
0.3VDD
VIH(1) Input high level voltage
0.7VDD
--
--
Vhys
I/O Schmitt trigger voltage hysteresis(2)
-200
-
mV
IO FT Schmitt trigger voltage
hysteresis(2)
5% VDD(3)
--
Ilkg
I/O input leakage current (4)
VSS ≤ VIN ≤ VDD
--
±1
µA
I/O FT input leakage current (4)
VIN = 5V
-
-
3
RPU
Weak pull-up equivalent
resistor(5)
All pins
except for
PA10 and
PB12
VIN = VSS
30
40
50
k
Ω
PA10 and
PB12
811
15
RPD
Weak pull-down
equivalent resistor
All pins
except for
PA10 and
PB12
VIN = VDD
30
40
50
PA10 and
PB12
811
15
CIO(6) I/O pin capacitance
5
pF
1. Tested in production.
2. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization, not tested in production.
3. With a minimum of 100 mV.
4. Leakage could be higher than the maximum value, if negative current is injected on adjacent pins.
5. Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
MOS/NMOS contribution to the series resistance is minimum (~10% order)
.
6. Guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com