Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F407IGH6 Datasheet(PDF) 125 Page - STMicroelectronics

Part # STM32F407IGH6
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IGH6 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button STM32F407IGH6 Datasheet HTML 121Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 122Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 123Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 124Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 125Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 126Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 127Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 128Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 185 page
background image
DocID022152 Rev 4
125/185
STM32F405xx, STM32F407xx
Electrical characteristics
USB HS characteristics
Unless otherwise specified, the parameters given in Table 62 for ULPI are derived from
tests performed under the ambient temperature, fHCLK frequency summarized in Table 61
and VDD supply voltage conditions summarized in Table 60, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5VDD.
Refer to Section Section 5.3.16: I/O port characteristics for more details on the
input/outputcharacteristics.
Table 59. USB OTG FS electrical characteristics(1)
1. Guaranteed by design, not tested in production.
Driver characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
tr
Rise time(2)
2. Measured from 10% to 90% of the data signal. For more detailed informations, please refer to USB
Specification - Chapter 7 (version 2.0).
CL = 50 pF
420
ns
tf
Fall time(2)
CL = 50 pF
4
20
ns
trfm
Rise/ fall time matching
tr/tf
90
110
%
VCRS
Output signal crossover voltage
1.3
2.0
V
Table 60. USB HS DC electrical characteristics
Symbol
Parameter
Min.(1)
1. All the voltages are measured from the local ground potential.
Max.(1)
Unit
Input level
VDD
USB OTG HS operating voltage
2.7
3.6
V
Table 61. USB HS clock timing parameters(1)
Parameter
Symbol
Min
Nominal
Max
Unit
fHCLK value to guarantee proper operation of
USB HS interface
30
MHz
Frequency (first transition)
8-bit ±10%
FSTART_8BIT
54
60
66
MHz
Frequency (steady state) ±500 ppm
FSTEADY
59.97
60
60.03
MHz
Duty cycle (first transition)
8-bit ±10%
DSTART_8BIT
40
50
60
%
Duty cycle (steady state) ±500 ppm
DSTEADY
49.975
50
50.025
%
Time to reach the steady state frequency and
duty cycle after the first transition
TSTEADY
--
1.4
ms
Clock startup time after the
de-assertion of SuspendM
Peripheral
TSTART_DEV
--
5.6
ms
Host
TSTART_HOST
--
-
PHY preparation time after the first transition
of the input clock
TPREP
--
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com