Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F407IGH6 Datasheet(PDF) 152 Page - STMicroelectronics

Part # STM32F407IGH6
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IGH6 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button STM32F407IGH6 Datasheet HTML 148Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 149Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 150Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 151Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 152Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 153Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 154Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 155Page - STMicroelectronics STM32F407IGH6 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 185 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
152/185
DocID022152 Rev 4
NAND controller waveforms and timings
Figure 69 through Figure 72 represent synchronous waveforms, and Table 85 and Table 86
provide the corresponding timings. The results shown in this table are obtained with the
following FSMC configuration:
•
COM.FSMC_SetupTime = 0x01;
•
COM.FSMC_WaitSetupTime = 0x03;
•
COM.FSMC_HoldSetupTime = 0x02;
•
COM.FSMC_HiZSetupTime = 0x01;
•
ATT.FSMC_SetupTime = 0x01;
•
ATT.FSMC_WaitSetupTime = 0x03;
•
ATT.FSMC_HoldSetupTime = 0x02;
•
ATT.FSMC_HiZSetupTime = 0x01;
•
Bank = FSMC_Bank_NAND;
•
MemoryDataWidth = FSMC_MemoryDataWidth_16b;
•
ECC = FSMC_ECC_Enable;
•
ECCPageSize = FSMC_ECCPageSize_512Bytes;
•
TCLRSetupTime = 0;
•
TARSetupTime = 0.
In all timing tables, the THCLK is the HCLK clock period.
Table 84. Switching characteristics for PC Card/CF read and write cycles
in I/O space(1)(2)
Symbol
Parameter
Min
Max
Unit
tw(NIOWR)
FSMC_NIOWR low width
8THCLK –1
-
ns
tv(NIOWR-D)
FSMC_NIOWR low to FSMC_D[15:0] valid
-
5THCLK– 1
ns
th(NIOWR-D)
FSMC_NIOWR high to FSMC_D[15:0] invalid
8THCLK– 2
-
ns
td(NCE4_1-NIOWR) FSMC_NCE4_1 low to FSMC_NIOWR valid
-
5THCLK+ 2.5
ns
th(NCEx-NIOWR) FSMC_NCEx high to FSMC_NIOWR invalid
5THCLK–1.5
-
ns
td(NIORD-NCEx) FSMC_NCEx low to FSMC_NIORD valid
-
5THCLK+ 2
ns
th(NCEx-NIORD) FSMC_NCEx high to FSMC_NIORD) valid
5THCLK– 1.5
-
ns
tw(NIORD)
FSMC_NIORD low width
8THCLK–0.5
-
ns
tsu(D-NIORD)
FSMC_D[15:0] valid before FSMC_NIORD high
9
-
ns
td(NIORD-D)
FSMC_D[15:0] valid after FSMC_NIORD high
0
-
ns
1. CL = 30 pF.
2. Based on characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com