Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC41343P Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # SC41343P
Description   Encoder and Decoder Pairs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC41343P Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  SC41343P Datasheet HTML 1Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 2Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 3Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 4Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 5Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 6Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 7Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 8Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MC145026
•MC145027•MC145028•SC41343•SC41344
MOTOROLA
3
9
8
7
6
543
2
1
SEQUENCER CIRCUIT
1
2
3
4
5
15
14
13
12
A1
A2
A3
A4
A5
A6
A7
A8
A9
CONTROL
LOGIC
9–BIT
SHIFT
REGISTER
9
Din
11
VT
DATA
EXTRACTOR
Figure 3. MC145028 Decoder Block Diagram
VDD = PIN 16
VSS = PIN 8
C1
C2
R2
R1
76
10
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Rating
Symbol
Value
Unit
VDD
DC Supply Voltage (except SC41343,
SC41344)
– 0.5 to + 18
V
VDD
DC Supply Voltage (SC41343, SC41344
only)
– 0.5 to + 10
V
Vin
DC Input Voltage
– 0.5 to VDD + 0.5
V
Vout
DC Output Voltage
– 0.5 to VDD + 0.5
V
Iin
DC Input Current, per Pin
± 10
mA
Iout
DC Output Current, per Pin
± 10
mA
PD
Power Dissipation, per Package
500
mW
Tstg
Storage Temperature
– 65 to + 150
°C
TL
Lead Temperature, 1 mm from Case for
10 Seconds
260
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Func-
tional operation should be restricted to the limits in the Electrical Characteristics tables or
Pin Descriptions section.
This device contains protection circuitry to
guard against damage due to high static
voltages or electric fields. However, precau-
tions must be taken to avoid applications of any
voltage higher than maximum rated voltages
to this high–impedance circuit. For proper
operation, Vin and Vout should be constrained
to the range VSS ≤ (Vin or Vout) ≤ VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com