Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC41343P Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # SC41343P
Description   Encoder and Decoder Pairs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC41343P Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  SC41343P Datasheet HTML 1Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 2Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 3Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 4Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 5Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 6Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 7Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 8Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MC145026
•MC145027•MC145028•SC41343•SC41344
MOTOROLA
1
Encoder and Decoder Pairs
CMOS
These devices are designed to be used as encoder/decoder pairs in remote
control applications.
The MC145026 encodes nine lines of information and serially sends this
information upon receipt of a transmit enable (TE) signal. The nine lines may be
encoded with trinary data (low, high, or open) or binary data (low or high). The
words are transmitted twice per encoding sequence to increase security.
The MC145027 decoder receives the serial stream and interprets five of the
trinary digits as an address code. Thus, 243 addresses are possible. If binary
data is used at the encoder, 32 addresses are possible. The remaining serial
information is interpreted as four bits of binary data. The valid transmission (VT)
output goes high on the MC145027 when two conditions are met. First, two
addresses must be consecutively received (in one encoding sequence) which
both match the local address. Second, the 4 bits of data must match the last
valid data received. The active VT indicates that the information at the Data
output pins has been updated.
The MC145028 decoder treats all nine trinary digits as an address which
allows 19,683 codes. If binary data is encoded, 512 codes are possible. The VT
output goes high on the MC145028 when two addresses are consecutively
received (in one encoding sequence) which both match the local address.
• Operating Temperature Range: – 40 to + 85°C
• Very–Low Standby Current for the Encoder: 300 nA Maximum @ 25°C
• Interfaces with RF, Ultrasonic, or Infrared Modulators and Demodulators
• RC Oscillator, No Crystal Required
• High External Component Tolerance; Can Use ± 5% Components
• Internal Power–On Reset Forces All Decoder Outputs Low
• Operating Voltage Range: MC145026 = 2.5 to 18 V*
MC145027, MC145028 = 4.5 to 18 V
• Low–Voltage Versions Available:
SC41343 = 2.8 to 10 V Version of the MC145027
SC41344 = 2.8 to 10 V Version of the MC145028
• For Infrared Applications, See Application Note AN1016/D
PIN ASSIGNMENTS
MC145026
ENCODER
MC145028/SC41344
DECODERS
MC145027/SC41343
DECODERS
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
CTC
RTC
TE
Dout
VDD
A8/D8
A9/D9
RS
A4
A3
A2
A1
VSS
A7/D7
A6/D6
A5
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
D9
D8
D7
D6
VDD
Din
R2/C2
VT
A4
A3
A2
A1
VSS
C1
R1
A5
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
A9
A8
A7
A6
VDD
Din
R2/C2
VT
A4
A3
A2
A1
VSS
C1
R1
A5
* All MC145026 devices manufactured after date code 9314 or 314 are guaranteed over this wider voltage range. All previous designs using the
low–voltage SC41342 should convert to the MC145026, which is a drop–in replacement. The SC41342 part number has been discontinued.
Order this document
by MC145026/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC145026
MC145027
MC145028
SC41343
SC41344
P SUFFIX
PLASTIC DIP
CASE 648
ORDERING INFORMATION
MC145026P
Plastic DIP
MC145026D
SOG Package
MC145027P, SC41343P
Plastic DIP
MC145027DW, SC41343DW
SOG Package
MC145028P, SC41344P
Plastic DIP
MC145028DW, SC41344DW
SOG Package
D SUFFIX
SOG PACKAGE
CASE 751B
DW SUFFIX
SOG PACKAGE
CASE 751G
16
1
16
1
16
1
© Motorola, Inc. 1998
REV 2
1/98


Similar Part No. - SC41343P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC41343P MOTOROLA-SC41343P Datasheet
490Kb / 18P
Encoder and Decoder Pairs CMOS
More results

Similar Description - SC41343P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
Encoder/Decoder
logo
Texas Instruments
TIR1000 TI-TIR1000 Datasheet
119Kb / 9P
STANDALONE IrDAE ENCODER AND DECODER
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
CTCSS ENCODER / DECODER
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
ENCODER / DECODER
SPRC201A ETC1-SPRC201A Datasheet
1Mb / 18P
10 FUNCTIONS REMOTE CONTROL ENCODER/DECODER PAIRS
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
ML145026 LANSDALE-ML145026 Datasheet
1Mb / 19P
Encoder and Decoder Pairs
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
Encoder/Decoder
logo
Freescale Semiconductor...
MC145026 FREESCALE-MC145026 Datasheet
698Kb / 20P
Encoder and Decoder Pairs CMOS
logo
Texas Instruments
TIR1000PSR TI1-TIR1000PSR Datasheet
788Kb / 14P
STANDALONE IrDAE ENCODER AND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com