Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC41343P Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # SC41343P
Description   Encoder and Decoder Pairs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC41343P Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button SC41343P Datasheet HTML 10Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 11Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 12Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 13Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 14Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 15Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 16Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 17Page - Freescale Semiconductor, Inc SC41343P Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MC145026
•MC145027•MC145028•SC41343•SC41344
MOTOROLA
14
MC145027 AND MC145028 TIMING
To verify the MC145027 or MC145028 timing, check the
waveforms on C1 (Pin 7) and R2/C2 (Pin 10) as compared to
the incoming data waveform on Din (Pin 9).
The R–C decay seen on C1 discharges down to 1/3 VDD
before being reset to VDD. This point of reset (labelled “DOS”
in Figure 15) is the point in time where the decision is made
whether the data seen on Din is a 1 or 0. DOS should not be
too close to the Din data edges or intermittent operation may
occur.
The other timing to be checked on the MC145027 and
MC145028 is on R2/C2 (see Figure 16). The R–C decay is
continually reset to VDD as data is being transmitted. Only
between words and after the end–of–transmission (EOT)
does R2/C2 decay significantly from VDD. R2/C2 can be used
to identify the internal end–of–word (EOW) timing edge which
is generated when R2/C2 decays to 2/3 VDD. The internal
EOT timing edge occurs when R2/C2 decays to 1/3 VDD.
When the waveform is being observed, the R–C decay
should go down between the 2/3 and 1/3 VDD levels, but not
too close to either level before data transmission on Din re-
sumes.
Verification of the timing described above should ensure a
good match between the MC145026 transmitter and the
MC145027 and MC145028 receivers.
VDD
0 V
Din
VDD
2/3
1/3
0 V
C1
DOS
DOS
Figure 15. R–C Decay on Pin 7 (C1)
VDD
2/3
1/3
0 V
R2/C2
EOT
Figure 16. R–C Decay on Pin 10 (R2/C2)
EOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com