Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC41344DW Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # SC41344DW
Description   Encoder and Decoder Pairs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC41344DW Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button SC41344DW Datasheet HTML 2Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 3Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 4Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 5Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 6Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 7Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 8Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 9Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MC145026
•MC145027•MC145028•SC41343•SC41344
MOTOROLA
6
SWITCHING CHARACTERISTICS — MC145026*, MC145027, and MC145028 (CL = 50 pF, TA = 25°C)
Sb l
Ch
i i
Figure
V
Guaranteed Limit
Ui
Symbol
Characteristic
Figure
No.
VDD
Min
Max
Unit
tTLH, tTHL
Output Transition Time
4,8
5.0
10
15
—
—
—
200
100
80
ns
tr
Din Rise Time — Decoders
5
5.0
10
15
—
—
—
15
15
15
µs
tf
Din Fall Time — Decoders
5
5.0
10
15
—
—
—
15
5.0
4.0
µs
fosc
Encoder Clock Frequency
6
5.0
10
15
0.001
0.001
0.001
2.0
5.0
10
MHz
f
Decoder Frequency — Referenced to Encoder Clock
12
5.0
10
15
1.0
1.0
1.0
240
410
450
kHz
tw
TE Pulse Width — Encoders
7
5.0
10
15
65
30
20
—
—
—
ns
* Also see next Switching Characteristics table for 2.5 V specifications.
SWITCHING CHARACTERISTICS — MC145026 (CL = 50 pF, TA = 25°C)
Sb l
Ch
i i
Figure
V
Guaranteed Limit
Ui
Symbol
Characteristic
Figure
No.
VDD
Min
Max
Unit
tTLH, tTHL
Output Transition Time
4, 8
2.5
—
450
ns
fosc
Encoder Clock Frequency
6
2.5
1.0
250
kHz
tw
TE Pulse Width
7
2.5
1.5
—
µs
SWITCHING CHARACTERISTICS — SC41343 and SC41344 (CL = 50 pF, TA = 25°C)
Sb l
Ch
i i
Figure
V
Guaranteed Limit
Ui
Symbol
Characteristic
Figure
No.
VDD
Min
Max
Unit
tTLH, tTHL
Output Transition Time
4, 8
2.8
5.0
10
—
—
—
320
200
100
ns
tr
Din Rise Time
5
2.8
5.0
10
—
—
—
15
15
15
µs
tf
Din Fall Time
5
2.8
5.0
10
—
—
—
15
15
5.0
µs
f
Decoder Frequency — Referenced to Encoder Clock
12
2.8
5.0
10
1.0
1.0
1.0
100
240
410
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com