Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC41344DW Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # SC41344DW
Description   Encoder and Decoder Pairs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC41344DW Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button SC41344DW Datasheet HTML 12Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 13Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 14Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 15Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 16Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 17Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 18Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 19Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 20Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MC145026
•MC145027•MC145028•SC41343•SC41344
MOTOROLA
18
Figure 20. Infrared Receiver
10
µF
22 k
Ω
OPTICAL
FILTER
10 k
Ω
10 k
Ω
10 k
Ω
100
Ω
6.8 k
Ω
2.2 k
Ω
1
µF
1N914
1N914
100 k
Ω
+
–
+
–
+
–
+
–
+5 V
0.01
µF 1 kΩ
1 mH — TOKO TYPE 7PA OR 10PA
OR EQUIVALENT
0.01
µF
4.7 k
Ω
A2
A3
A4
A5
10 k
Ω
V1
V1
V2
1 M
Ω
1N914
1 k
Ω
1000 pF
47 k
Ω
22 k
Ω
1 M
Ω
V3
1000 pF
390 k
Ω FOR APPROX. 4 kHz
180 k
Ω FOR APPROX. 9 kHz
750 k
Ω FOR APPROX. 4 kHz
360 k
Ω FOR APPROX. 9 kHz
0.01
µF
C1
R1
R2/C2
VT
VSS
VDD
4
9 FOR MC145027
5 FOR MC145028
ADDRESS
SWITCHES
DATA OUT
MC145027 ONLY
+5 V
10
µF
10
µF
4.7 k
Ω
2.2 k
Ω
390
Ω
2.7 k
Ω
10
µF
V2
≈ 2.7 V
Din
0.01
µF
1/4 MC34074
+5 V
2N5088
2N5086
2N5088
1/4 MC34074
1/4 MC34074
1/4 MC34074
A1
V3
≈ 1.3 V
V1
≈ 2.5 V
MC145027/28
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com