Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC41344DW Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # SC41344DW
Description   Encoder and Decoder Pairs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC41344DW Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button SC41344DW Datasheet HTML 11Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 12Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 13Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 14Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 15Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 16Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 17Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 18Page - Freescale Semiconductor, Inc SC41344DW Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MC145026
•MC145027•MC145028•SC41343•SC41344
MOTOROLA
15
VDD
TE
5
TRINARY
ADDRESSES
4–BIT
BINARY
DATA
A1
A2
A3
A4
A5
D6
D7
D8
D9
1
2
3
4
5
6
7
9
10
14
16
15 Dout
0.1
µF
MC145026
8
12
11
RTC
RS
VDD
13
CTC
REPEAT OF ABOVE
MC145027
OR
SC41343
VDD
0.1
µF
16
Din 9
6
7
10
R2
C2
R1
C1
1
2
3
4
5
15
14
13
12
11
D6
D7
D8
D9
VT
VDD
5
TRINARY
ADDRESSES
A1
A2
A3
A4
A5
Figure 17. Typical Application
CTC′ = CTC + Clayout + 12 pF
100 pF
≤ CTC ≤ 15 µF
RTC ≥ 10 kΩ; RS ≈ 2 RTC
R1 ≥ 10 kΩ
C1 ≥ 400 pF
R2 ≥ 100 kΩ
C2 ≥ 700 pF
fosc =
1
2.3 RTCCTC′
R1C1 = 3.95 RTCCTC
R2C2 = 77 RTCCTC
Example R/C Values (All Resistors and Capacitors are
± 5%)
(CTC′ = CTC + 20 pF)
fosc (kHz)
RTC
CTC
′
RS
R1
C1
R2
C2
362
181
88.7
42.6
21.5
8.53
1.71
10 k
10 k
10 k
10 k
10 k
10 k
50 k
20 k
20 k
20 k
20 k
20 k
20 k
100 k
120 pF
240 pF
490 pF
1020 pF
2020 pF
5100 pF
5100 pF
10 k
10 k
10 k
10 k
10 k
10 k
50 k
100 k
100 k
100 k
100 k
100 k
200 k
200 k
8
910 pF
1800 pF
3900 pF
7500 pF
0.015
µF
0.02
µF
0.1
µF
470 pF
910 pF
2000 pF
3900 pF
8200 pF
0.02
µF
0.02
µF
REPEAT OF ABOVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com