Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012 Datasheet(PDF) 2 Page - TDK Electronics

Part # MPZ2012
Description  Chip Beads For power line MPZ series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MPZ2012 Datasheet(HTML) 2 Page - TDK Electronics

  MPZ2012 Datasheet HTML 1Page - TDK Electronics MPZ2012 Datasheet HTML 2Page - TDK Electronics MPZ2012 Datasheet HTML 3Page - TDK Electronics MPZ2012 Datasheet HTML 4Page - TDK Electronics MPZ2012 Datasheet HTML 5Page - TDK Electronics MPZ2012 Datasheet HTML 6Page - TDK Electronics MPZ2012 Datasheet HTML 7Page - TDK Electronics MPZ2012 Datasheet HTML 8Page - TDK Electronics MPZ2012 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
• All specifications are subject to change without notice.
(1/12)
001-08 / 20120925 / e9413_mpz
Chip Beads
For Power Line
MPZ Series MPZ0603
FEATURES
• This chip bead implements a 0603 shape in its capacity as an
EMC countermeasure component, and it supports compact
devices that need smaller spaces.
• This product can cope with a high current due to its low DC
resistance. It is also most suitable for lower power consumption.
• Because of its low DC resistance, it is useful for audio lines.
• No cross talk with closed magnetic circuit structural design.
• It is a product conforming to RoHS directive.
APPLICATIONS
Removal of power line noises of cellular phones, PCs, note PCs,
TV tuners, STBs, audio players, DVDs, DSCs, DVCs, game
machines, digital photo frames, etc.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
W
(3) Type name
(4) Impedance
220: 22
 at 100MHz
(5) Characteristic type
(6) Packaging style
T:Taping(reel)
(7) TDK internal code
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components. The preheat-
ing temperature should be set so that the temperature difference
between the solder temperature and product temperature does
not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• Do not expose the inductors to stray magnetic fields.
• Avoid static electricity discharge during handling.
• When hand soldering, apply the soldering iron to the printed cir-
cuit board only. Temperature of the iron tip should not exceed
350°C. Soldering time should not exceed 3 seconds.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD
PATTERN
SPECIFICATIONS
PACKAGING STYLE AND QUANTITIES
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
ELECTRICAL CHARACTERISTICS
Test equipment: E4991A or equivalent
Test tool
: 16197 or equivalent
Test temperature: 25±10°C
Conformity to RoHS Directive
MPZ 0603
S 220 C
T
(1)
(2)
(3) (4) (5) (6)
(7)
Operating temperature range
–55 to +125°C
Storage temperature range
–55 to +125°C(After mount)
Packaging style
Quantity
Taping
15000 pieces/reel
Part No.
Impedance
(
)[100MHz]
DC resistance
(
)max.
Rated current
(mA)max.
MPZ0603S220C
22±25%
0.065
1000
MPZ0603S330C
33±25%
0.090
750
MPZ0603S470C
47±25%
0.120
500
0.1min.
0.6
±0.03
0.30
0.25
0.25
Weight: 0.3mg
Dimensions in mm
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
• Please contact our Sales office when your application is considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com