Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012 Datasheet(PDF) 11 Page - TDK Electronics

Part # MPZ2012
Description  Chip Beads For power line MPZ series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MPZ2012 Datasheet(HTML) 11 Page - TDK Electronics

Back Button MPZ2012 Datasheet HTML 5Page - TDK Electronics MPZ2012 Datasheet HTML 6Page - TDK Electronics MPZ2012 Datasheet HTML 7Page - TDK Electronics MPZ2012 Datasheet HTML 8Page - TDK Electronics MPZ2012 Datasheet HTML 9Page - TDK Electronics MPZ2012 Datasheet HTML 10Page - TDK Electronics MPZ2012 Datasheet HTML 11Page - TDK Electronics MPZ2012 Datasheet HTML 12Page - TDK Electronics MPZ2012 Datasheet HTML 13Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
• All specifications are subject to change without notice.
(10/12)
001-08 / 20120925 / e9413_mpz
ELECTRICAL CHARACTERISTICS
1 Test equipment: E4991A or equivalent
Test tool
: 16192A or equivalent
Test temperature: 25±10°C
2 Please refer to the graph of RATED CURRENT vs. TEMPERATURE
CHARACTERISTICS(DERATING) about the rating current at 85°C or
more in temperature of the product.
RATED CURRENT vs. TEMPERATURE CHARACTERISTICS
(DERATING)
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
MPZ2012S300A
MPZ2012S101A
MPZ2012S221A
MPZ2012S331A
MPZ2012S601A
MPZ2012S102A
PACKAGING STYLES
REEL DIMENSIONS
TAPE DIMENSIONS
Part No.
Impedance
(
)[100MHz]1
DC resistance
(
)max.
Rated current2
(A)max.
MPZ2012S300A
30±10
0.010
6
MPZ2012S101A
100±25%
0.020
4
MPZ2012S221A
220±25%
0.040
3
MPZ2012S331A
330±25%
0.050
2.5
MPZ2012S601A
600±25%
0.100
2
MPZ2012S102A
1000±25%
0.150
1.5
S300A
S331A
S101A
S221A
S601A
S102A
0
1
2
3
4
5
6
7
–55 –35
–15
5
25
45
65
85
105
125
Temperature(˚C)
50
40
30
20
10
0
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
1
10
100
1000
10000
Frequency(MHz)
0
20
40
60
80
100
120
140
Z
R
X
300
100
50
150
200
250
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
400
350
300
250
200
150
100
50
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
0
100
200
300
400
500
600
700
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
1200
400
200
600
800
1000
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
1.0
ø180
±2.0
2.0
±0.5
ø13
±0.2
ø21
±0.8
14.4max.
Dimensions in mm
8.4
+2.0
–0.0
1.1max.
4.0
±0.1
4.0
±0.1
2.0
±0.05
1.5
+0.1
–0.0
Sprocket hole
Cavity
1.5
±0.2
160min.
Taping
200min.
300min.
Drawing direction
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com