Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012 Datasheet(PDF) 9 Page - TDK Electronics

Part # MPZ2012
Description  Chip Beads For power line MPZ series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MPZ2012 Datasheet(HTML) 9 Page - TDK Electronics

Back Button MPZ2012 Datasheet HTML 5Page - TDK Electronics MPZ2012 Datasheet HTML 6Page - TDK Electronics MPZ2012 Datasheet HTML 7Page - TDK Electronics MPZ2012 Datasheet HTML 8Page - TDK Electronics MPZ2012 Datasheet HTML 9Page - TDK Electronics MPZ2012 Datasheet HTML 10Page - TDK Electronics MPZ2012 Datasheet HTML 11Page - TDK Electronics MPZ2012 Datasheet HTML 12Page - TDK Electronics MPZ2012 Datasheet HTML 13Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
• All specifications are subject to change without notice.
(8/12)
001-08 / 20120925 / e9413_mpz
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
MPZ1608Y600B
MPZ1608Y101B
MPZ1608Y151B
MPZ1608Y221B
MPZ1608D300B
MPZ1608D600B
MPZ1608D101B
PACKAGING STYLES
REEL DIMENSIONS
TAPE DIMENSIONS
300
250
200
150
100
50
0
1
10
100
1000
10000
Frequency(MHz)
R
X
Z
1
10
100
1000
10000
Frequency(MHz)
0
20
40
60
80
100
120
140
R
X
Z
0
50
100
150
200
1
10
100
1000
10000
Frequency(MHz)
R
X
Z
1
10
100
1000
10000
Frequency(MHz)
0
Z
R
X
50
100
150
200
250
300
350
1
10
100
1000
10000
Frequency(MHz)
0
100
200
300
400
500
600
R
X
Z
1
10
100
1000
10000
Frequency(MHz)
R
X
Z
0
50
100
150
200
250
1
10
100
1000
10000
Frequency(MHz)
R
X
Z
50
0
100
150
200
250
300
350
1.0
ø180
±2.0
2.0
±0.5
ø13
±0.2
ø21
±0.8
14.4max.
Dimensions in mm
8.4
+2.0
–0.0
1.1max.
1.1
±0.2
4.0
±0.1
4.0
±0.1
2.0
±0.05
1.5
+0.1
–0.0
Sprocket hole
Cavity
160min.
Taping
200min.
300min.
Drawing direction
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com