Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLCV25T-R68M-EFR Datasheet(PDF) 5 Page - TDK Electronics

Part # NLCV25T-R68M-EFR
Description  Inductors for Decoupling Circuits Wound/For Current NLCV/NLC series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV25T-R68M-EFR Datasheet(HTML) 5 Page - TDK Electronics

  NLCV25T-R68M-EFR Datasheet HTML 1Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 2Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 3Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 4Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 5Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 6Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 7Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 8Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
(4/14)
001-03 / 20110927 / e511_nlcv_nlc
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
∗1 Rated current: Value obtained when current flows and the temperature has risen to 20°C or when DC current flows and the initial value of inductance has
fallen by 10%, whichever is smaller.
∗2
: Please specify lead-free compatible product, PF (Conformity to RoHS directive, exemption regulations apply) or EF (Conformity to RoHS directive)
• Test equipment L, Q: YHP4194A IMPEDANCE ANALYZER+YHP16085A+YHP16093B+TF-1, or equivalent
SRF: HP8753C NETWORK ANALYZER
Rdc: MATSUSHITA VP-2941A DIGITAL MILLIOHM METER, or equivalent
TYPICAL ELECTRICAL CHARACTERISTICS
Inductance
(µH)
Inductance
tolerance
Q
ref.
Test frequency L,Q
(MHz)
Self-resonant frequency
(MHz)min.
DC resistance
(
Ω)±30%
Rated current∗1
(mA)max.
Part No.
1
±20%
10
7.96
100
0.06
1000
NLCV32T-1R0M-
∗2
1.5
±20%
10
7.96
80
0.11
830
NLCV32T-1R5M-
2.2
±20%
10
7.96
68
0.13
770
NLCV32T-2R2M-
3.3
±20%
10
7.96
54
0.16
690
NLCV32T-3R3M-
4.7
±20%
15
7.96
46
0.2
620
NLCV32T-4R7M-
6.8
±20%
15
7.96
38
0.27
530
NLCV32T-6R8M-
10
±10%
15
2.52
30
0.36
450
NLCV32T-100K-
15
±10%
15
2.52
26
0.56
370
NLCV32T-150K-
22
±10%
15
2.52
21
0.77
300
NLCV32T-220K-
33
±10%
15
2.52
17
1.1
240
NLCV32T-330K-
47
±10%
15
2.52
14
1.64
180
NLCV32T-470K-
68
±10%
15
2.52
12
2.8
140
NLCV32T-680K-
100
±10%
15
0.796
10
3.7
120
NLCV32T-101K-
150
±10%
20
0.796
8
6.1
100
NLCV32T-151K-
220
±10%
20
0.796
7
8.4
80
NLCV32T-221K-
330
±10%
20
0.796
6
12.3
70
NLCV32T-331K-
3.2
±0.2
1R0
2.5
±0.2
1.9
±0.1
Weight: 50mg
(0.4)
Terminal
electrode
Solder land pattern
Inductor
1.2
1.2
2
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com