Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLCV25T-R68M-EFR Datasheet(PDF) 13 Page - TDK Electronics

Part # NLCV25T-R68M-EFR
Description  Inductors for Decoupling Circuits Wound/For Current NLCV/NLC series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV25T-R68M-EFR Datasheet(HTML) 13 Page - TDK Electronics

Back Button NLCV25T-R68M-EFR Datasheet HTML 8Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 9Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 10Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 11Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 12Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 13Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 14Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 15Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 16Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
(11/14)
001-03 / 20110927 / e511_nlcv_nlc
• All specifications are subject to change without notice.
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
0.1
1
10
100
1000
0
100
1000
10000
DC current(mA)
220
µH
100
µH
47
µH
22
µH
10
µH
3.9
µH
1
µH
A
L=5H C=20000µF
Test circuit
DC
Specimen
YHP model-4275A
or equivalent
0.1
1
10
5
0.5
100
50
Frequency(MHz)
0.1
1
0.5
10
5
Test equipment:
4194A IMPEDANCE/
GAIN-PHASE ANALYZER
(16092A FIXTURE)
1
µH
3.9
µH
10
µH
100
µH
22
µH
220
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com