Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLCV25T-R68M-EFR Datasheet(PDF) 10 Page - TDK Electronics

Part # NLCV25T-R68M-EFR
Description  Inductors for Decoupling Circuits Wound/For Current NLCV/NLC series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV25T-R68M-EFR Datasheet(HTML) 10 Page - TDK Electronics

Back Button NLCV25T-R68M-EFR Datasheet HTML 6Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 7Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 8Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 9Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 10Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 11Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 12Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 13Page - TDK Electronics NLCV25T-R68M-EFR Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
(8/14)
001-03 / 20110927 / e511_nlcv_nlc
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
∗
: Please specify lead-free compatible product, PF (Conformity to RoHS directive, exemption regulations apply) or EF (Conformity to RoHS directive)
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. FREQUENCY CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
INDUCTANCE vs. DC SUPERPOSITION CHARACTERISTICS
Inductance
(µH)
Inductance
tolerance
Q
ref.
Test frequency L,Q
(MHz)
Self-resonant
frequency
(MHz)min.
DC resistance
(
Ω )±20%
Rated current
(mA)max.
Part No.
0.1
±20%
10
25.2
800
0.02
2850
NLCV32T-R10M-
∗R
0.15
±20%
10
25.2
500
0.024
2600
NLCV32T-R15M-
R
0.22
±20%
10
25.2
400
0.027
2400
NLCV32T-R22M-
R
0.33
±20%
10
25.2
300
0.035
2100
NLCV32T-R33M-
R
0.47
±20%
10
25.2
250
0.038
2000
NLCV32T-R47M-
R
0.68
±20%
10
25.2
180
0.045
1900
NLCV32T-R68M-
R
1
±20%
15
7.96
100
0.055
1700
NLCV32T-1R0M-
R
1.5
±20%
15
7.96
80
0.095
1400
NLCV32T-1R5M-
R
2.2
±20%
15
7.96
68
0.115
1200
NLCV32T-2R2M-
R
3.3
±20%
15
7.96
54
0.16
1000
NLCV32T-3R3M-
R
4.7
±20%
15
7.96
46
0.2
900
NLCV32T-4R7M-
R
6.8
±20%
15
7.96
38
0.29
700
NLCV32T-6R8M-
R
10
±10%
20
2.52
30
0.42
600
NLCV32T-100K-
R
3.2
±0.2
2.5
±0.2
(0.4)
Terminal
electrode
1.9
±0.1
100
Weight: 50mg
Inductor
Pattern
1.2
2
1.2
Dimensions in mm
1
0.01
100
10
0.1
1
10
100
Frequency(MHz)
4.7
µH
2.2
µH
1
µH
0.47
µH
0.22
µH
0.1
µH
10
µH
1
1
10
100000
10000
1000
100
10
100
Frequency(MHz)
4.7
µH
2.2
µH
1
µH
0.47
µH
0.22
µH
0.1
µH
10
µH
1
10
100
1000
10000
DC current(mA)
0.01
100
10
0.1
1
4.7
µH
2.2
µH
1
µH
0.47
µH
0.22
µH
0.1
µH
10
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com