Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F20 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 45Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 46Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 47Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 48Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 49Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 50Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 51Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 52Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 298 page
background image
Rev. 1.90
48
�e���a�� 18� �01�
Rev. 1.90
49
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Reading Data from the EEPROM
ToreaddatafromtheEEPROM,thereadenablebit,RDEN,intheEECregistermustfirstbeset
hightoenablethereadfunction.TheEEPROMaddressofthedatatobereadmustthenbeplaced
intheEEAregister.IftheRDbitintheEECregisterisnowsethigh,areadcyclewillbeinitiated.
SettingtheRDbithighwillnotinitiateareadoperationiftheRDENbithasnotbeenset.When
thereadcycleterminates,theRDbitwillbeautomaticallyclearedtozero,afterwhichthedatacan
bereadfromtheEEDregister.ThedatawillremainintheEEDregisteruntilanotherreadorwrite
operationisexecuted.TheapplicationprogramcanpolltheRDbittodeterminewhenthedatais
validforreading.
Writing Data to the EEPROM
TowritedatatotheEEPROM,thewriteenablebit,WREN,intheEECregistermustfirstbeset
hightoenablethewritefunction.TheEEPROMaddressofthedatatobewrittenmustthenbe
placedintheEEAregisterandthedataplacedintheEEDregister.IftheWRbitintheEECregister
isnowsethigh,aninternalwritecyclewillthenbeinitiated.SettingtheWRbithighwillnotinitiate
awritecycleiftheWRENbithasnotbeenset.AstheEEPROMwritecycleiscontrolledusingan
internaltimerwhoseoperationisasynchronoustomicrocontrollersystemclock,acertaintimewill
elapsebeforethedatawillhavebeenwrittenintotheEEPROM.Detectingwhenthewritecycle
hasfinishedcanbeimplementedeitherbypollingtheWRbitintheEECregisterorbyusingthe
EEPROMinterrupt.Whenthewritecycleterminates,theWRbitwillbeautomaticallyclearedto
zerobythemicrocontroller,informingtheuserthatthedatahasbeenwrittentotheEEPROM.The
applicationprogramcanthereforepolltheWRbittodeterminewhenthewritecyclehasended.
Write Protection
Protectionagainstinadvertentwriteoperationisprovidedinseveralways.Afterthedeviceis
powered-ontheWriteEnablebitinthecontrolregisterwillbeclearedpreventinganywrite
operations.Alsoatpower-ontheBankPointer,BP,willberesettozero,whichmeansthatData
MemoryBank0willbeselected.AstheEEPROMcontrolregisterislocatedinBank1,thisaddsa
furthermeasureofprotectionagainstspuriouswriteoperations.Duringnormalprogramoperation,
ensuringthattheWriteEnablebitinthecontrolregisterisclearedwillsafeguardagainstincorrect
writeoperations.
EEPROM Interrupt
TheEEPROMwriteorreadinterruptisgeneratedwhenanEEPROMwriteorreadcyclehas
ended.TheEEPROMinterruptmustfirstbeenabledbysettingtheDEEbitintherelevantinterrupt
register.HoweverastheEEPROMiscontainedwithinaMulti-functionInterrupt,theassociated
multi-functioninterruptenablebitmustalsobeset.WhenanEEPROMwritecycleends,the
DEFrequestflaganditsassociatedmulti-functioninterruptrequestflagwillbothbeset.Ifthe
global,EEPROMandMulti-functioninterruptsareenabledandthestackisnotfull,ajumpto
theassociatedMulti-functionInterruptvectorwilltakeplace.Whentheinterruptisservicedonly
theMulti-functioninterruptflagwillbeautomaticallyreset,theEEPROMinterruptflagmustbe
manuallyresetbytheapplicationprogram.MoredetailscanbeobtainedintheInterruptsection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com