Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F20 Datasheet(PDF) 79 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 79 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 75Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 78Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 79Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 80Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 81Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 82Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 83Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 298 page
background image
Rev. 1.90
78
�e���a�� 18� �01�
Rev. 1.90
79
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Register
Reset (Power-on)
RES or LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(IDLE)
CP0C
1000 0 - -1
1000 0 - -1
1000 0 - -1
���� � - -�
CP1C
1000 0 - -1
1000 0 - -1
1000 0 - -1
���� � - -�
SIMC0
1110 000 -
1110 000 -
1110 000 -
��� � ��� -
SIMC1
1000 0001
1000 0001
1000 0001
���� ����
SIMD
xxxx xxxx
xxxx xxxx
xxxx xxxx
���� ����
SIMA/SIMC�
0000 0000
0000 0000
0000 0000
���� ����
TM0C0
0000 0000
0000 0000
0000 0000
���� ����
TM0C1
0000 0000
0000 0000
0000 0000
���� ����
TM0DL
0000 0000
0000 0000
0000 0000
���� ����
TM0DH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - ��
TM0AL
0000 0000
0000 0000
0000 0000
���� ����
TM0AH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - ��
EEA
- xxx xxxx
- xxx xxxx
- xxx xxxx
- ��� � ���
EED
xxxx xxxx
xxxx xxxx
xxxx xxxx
���� ����
EEC
- - - - 0000
- - - - 0000
- - - - 0000
- - - - ����
TMPC0
1001 - - 01
1001 - - 01
1001 - - 01
���� - - ��
TMPC1
- - - - - - 01
- - - - - - 01
- - - - - - 01
- - - - - - ��
PRM0
- 0- 0 0000
- 0- 0 0000
- 0- 0 0000
- �- � ����
PRM1
000 - 0 000
000 - 0 000
000 - 0 000
��� - ����
PRM�
- -00 0000
- -00 0000
- -00 0000
- - �� ����
TM1C0
0000 0000
0000 0000
0000 0000
���� ����
TM1C1
0000 0000
0000 0000
0000 0000
���� ����
TM1C�
0000 0000
0000 0000
0000 0000
���� ����
TM1DL
0000 0000
0000 0000
0000 0000
���� ����
TM1DH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - ��
TM1AL
0000 0000
0000 0000
0000 0000
���� ����
TM1AH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - ��
TM1BL
0000 0000
0000 0000
0000 0000
���� ����
TM1BH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - ��
TM�C0
0000 0 - - -
0000 0 - - -
0000 0 - - -
���� � - - -
TM�C1
0000 0000
0000 0000
0000 0000
���� ����
TM�DL
0000 0000
0000 0000
0000 0000
���� ����
TM�DH
0000 0000
0000 0000
0000 0000
���� ����
TM�AL
0000 0000
0000 0000
0000 0000
���� ����
TM�AH
0000 0000
0000 0000
0000 0000
���� ����
TM�RP
0000 0000
0000 0000
0000 0000
���� ����
SCOMC
0000 0000
0000 0000
0000 0000
���� ����
Note:"u"standsforunchanged
“x”standsforunknown
“-”standsforunimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com