Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F20 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 25Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 26Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 27Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 28Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 29Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 30Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 31Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 32Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 298 page
background image
Rev. 1.90
�8
�e���a�� 18� �01�
Rev. 1.90
�9
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Forinstructionsinvolvingbranches,suchasjumporcallinstructions,twomachinecyclesare
requiredtocompleteinstructionexecution.Anextracycleisrequiredastheprogramtakesone
cycletofirstobtaintheactualjumporcalladdressandthenanothercycletoactuallyexecutethe
branch.Therequirementforthisextracycleshouldbetakenintoaccountbyprogrammersintiming
sensitiveapplications.
Fe tc h In st . 1E xe cu te I ns t . 1
Fe tc h In st . 2
Fl us h Pi pel in e
1
2
3
4
5
6 DE LA Y:
MO V A, [1 2H ]
CA LL D EL AY
CP L [ 12H ]
:
:
NO P
Ex ec ut e In st . 2
Fe tc h In st . 3
Fe tc h In st . 6
Ex ec ut e In s t. 6
Fe tc h In st . 7
Instruction Fetching
Program Counter
Duringprogramexecution,theProgramCounterisusedtokeeptrackoftheaddressofthenext
instructiontobeexecuted.Itisautomaticallyincrementedbyoneeachtimeaninstructionis
executedexceptforinstructions,suchas"JMP"or"CALL"thatdemandajumptoanon-consecutive
ProgramMemoryaddress.Onlythelower8bits,knownastheProgramCounterLowRegister,are
directlyaddressablebytheapplicationprogram.
Whenexecutinginstructionsrequiringjumpstonon-consecutiveaddressessuchasajumpinstruction,
asubroutinecall,interruptorreset,etc.,themicrocontrollermanagesprogramcontrolbyloading
therequiredaddressintotheProgramCounter.Forconditionalskipinstructions,oncethecondition
hasbeenmet,thenextinstruction,whichhasalreadybeenfetchedduringthepresentinstruction
execution,isdiscardedandadummycycletakesitsplacewhilethecorrectinstructionisobtained.
Device
Program Counter
Porgram Counter High Byte PCL Register
HT66��0
PC9� PC8
PCL7~PCL0
HT66��0
PC10~PC8
HT66�40
PC11~PC8
HT66�50
PC1�~PC8
HT66�60
PC1�~PC8
Program Counter
ThelowerbyteoftheProgramCounter,knownastheProgramCounterLowregisterorPCL,is
availableforprogramcontrolandisareadableandwriteableregister.Bytransferringdatadirectly
intothisregister,ashortprogramjumpcanbeexecuteddirectly,however,asonlythislowbyte
isavailableformanipulation,thejumpsarelimitedtothepresentpageofmemory,thatis256
locations.Whensuchprogramjumpsareexecuteditshouldalsobenotedthatadummycycle
willbeinserted.ManipulatingthePCLregistermaycauseprogrambranching,soanextracycleis
neededtopre-fetch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com