Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6546-E/P Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6546-E/P
Description  Open-Drain Output Sub-Microamp Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6546-E/P Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6546-E/P Datasheet HTML 6Page - Microchip Technology MCP6546-E/P Datasheet HTML 7Page - Microchip Technology MCP6546-E/P Datasheet HTML 8Page - Microchip Technology MCP6546-E/P Datasheet HTML 9Page - Microchip Technology MCP6546-E/P Datasheet HTML 10Page - Microchip Technology MCP6546-E/P Datasheet HTML 11Page - Microchip Technology MCP6546-E/P Datasheet HTML 12Page - Microchip Technology MCP6546-E/P Datasheet HTML 13Page - Microchip Technology MCP6546-E/P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
MCP6546/6R/6U/7/8/9
DS21714G-page 10
© 2002-2012 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA =+25°C, VIN+= VDD/2, VIN– = GND,
RPU =2.74kΩ to VPU =VDD, and CL =36pF.
FIGURE 2-25:
High-to-Low Propagation
Delay.
FIGURE 2-26:
Propagation Delay Skew.
FIGURE 2-27:
Propagation Delay vs.
Power Supply Voltage.
FIGURE 2-28:
Low-to-High Propagation
Delay.
FIGURE 2-29:
Propagation Delay vs.
Ambient Temperature.
FIGURE 2-30:
Propagation Delay vs. Input
Overdrive.
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
01
23
45
67
8
High-to-Low Propagation Delay (µs)
408 Samples
100 mV Overdrive
VCM = VDD/2
VDD = 5.5V
VDD = 1.6V
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
Propagation Delay Skew (µs)
408 Samples
100 mV Overdrive
V
CM = VDD/2
V
DD = 1.6V
V
DD = 5.5V
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Power Supply Voltage (V)
V
CM = VDD/2
tPHL
10 mV Overdrive
100 mV Overdrive
t
PLH
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
55%
60%
65%
01
234
56
78
Low-to-High Propagation Delay (µs)
408 Samples
100 mV Overdrive
V
CM = VDD/2
V
DD = 5.5V
V
DD = 1.6V
0
1
2
3
4
5
6
7
8
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
100 mV Overdrive
V
CM = VDD/2
t
PHL
t
PLH
V
DD = 5.5V
V
DD = 1.6V
1
10
100
1
10
100
1000
Input Overdrive (mV)
V
CM = VDD/2
tPLH
V
DD = 5.5V
tPHL
VDD = 1.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com