Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6546-E/P Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6546-E/P
Description  Open-Drain Output Sub-Microamp Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6546-E/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6546-E/P Datasheet HTML 11Page - Microchip Technology MCP6546-E/P Datasheet HTML 12Page - Microchip Technology MCP6546-E/P Datasheet HTML 13Page - Microchip Technology MCP6546-E/P Datasheet HTML 14Page - Microchip Technology MCP6546-E/P Datasheet HTML 15Page - Microchip Technology MCP6546-E/P Datasheet HTML 16Page - Microchip Technology MCP6546-E/P Datasheet HTML 17Page - Microchip Technology MCP6546-E/P Datasheet HTML 18Page - Microchip Technology MCP6546-E/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
© 2002-2012 Microchip Technology Inc.
DS21714G-page 15
MCP6546/6R/6U/7/8/9
4.0
APPLICATIONS INFORMATION
The MCP6546/6R/6U/7/8/9 family of push-pull output
comparators are fabricated on Microchip’s state-of-the-
art CMOS process. They are suitable for a wide range
of applications requiring very low power consumption.
4.1
Comparator Inputs
4.1.1
PHASE REVERSAL
The MCP6546/6R/6U/7/8/9 comparator family uses
CMOS transistors at the input. They are designed to
prevent phase inversion when the input pins exceed
the supply voltages. Figure 2-3 shows an input voltage
exceeding both supplies with no resulting phase
inversion.
4.1.2
INPUT VOLTAGE AND CURRENT
LIMITS
The ESD protection on the inputs can be depicted as
shown in Figure 4-1. This structure was chosen to pro-
tect the input transistors, and to minimize input bias
current (IB). The input ESD diodes clamp the inputs
when they try to go more than one diode drop below
VSS. They also clamp any voltages that go too far
above VDD; their breakdown voltage is high enough to
allow normal operation, and low enough to bypass ESD
events within the specified limits.
FIGURE 4-1:
Simplified Analog Input ESD
Structures.
In order to prevent damage and/or improper operation
of these amplifiers, the circuits they are in must limit the
currents (and voltages) at the VIN+ and VIN– pins (see
Absolute Maximum Ratings † at the beginning of
Section 1.0 “Electrical Characteristics”). Figure 4-3
shows the recommended approach to protecting these
inputs. The internal ESD diodes prevent the input pins
(VIN+ and VIN–) from going too far below ground, and
the resistors R1 and R2 limit the possible current drawn
out of the input pin. Diodes D1 and D2 prevent the input
pin (VIN+ and VIN–) from going too far above VDD.
When implemented as shown, resistors R1 and R2 also
limit the current through D1 and D2.
FIGURE 4-2:
Protecting the Analog
Inputs.
It is also possible to connect the diodes to the left of
resistors R1 and R2. In this case, the currents through
diodes D1 and D2 need to be limited by some other
mechanism. The resistor then serves as in-rush current
limiter; the DC current into the input pins (VIN+ and
VIN–) should be very small.
A significant amount of current can flow out of the
inputs when the common mode voltage (VCM) is below
ground (VSS); see Figure 2-42. Applications that are
high impedance may need to limit the usable voltage
range.
4.1.3
NORMAL OPERATION
The input stage of this family of devices uses two
differential input stages in parallel, one operates at low
input voltages, and the other at high input voltages.
With this topology, the input voltage is 0.3V above VDD
and 0.3V below VSS. The input offset voltage is
measured at both VSS - 0.3V and VDD + 0.3V to ensure
proper operation.
The MCP6546/6R/6U/7/8/9 family has internally-set
hysteresis that is small enough to maintain input offset
accuracy (<7 mV), and large enough to eliminate
output chattering caused by the comparator’s own
input noise voltage (200 µVP-P). Figure 4-3 illustrates
this capability.
Bond
Pad
Bond
Pad
Bond
Pad
VDD
VIN+
VSS
Input
Stage
Bond
Pad
VIN–
V1
MCP6G0X
R1
VDD
D1
R1 ≥
VSS – (minimum expected V1)
2mA
VOUT
V2
R2
R3
D2
+
–
R2 ≥
VSS – (minimum expected V2)
2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com