Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6546-E/P Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6546-E/P
Description  Open-Drain Output Sub-Microamp Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6546-E/P Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6546-E/P Datasheet HTML 12Page - Microchip Technology MCP6546-E/P Datasheet HTML 13Page - Microchip Technology MCP6546-E/P Datasheet HTML 14Page - Microchip Technology MCP6546-E/P Datasheet HTML 15Page - Microchip Technology MCP6546-E/P Datasheet HTML 16Page - Microchip Technology MCP6546-E/P Datasheet HTML 17Page - Microchip Technology MCP6546-E/P Datasheet HTML 18Page - Microchip Technology MCP6546-E/P Datasheet HTML 19Page - Microchip Technology MCP6546-E/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
MCP6546/6R/6U/7/8/9
DS21714G-page 16
© 2002-2012 Microchip Technology Inc.
FIGURE 4-3:
The MCP6546/6R/6U/7/8/9
Comparators’ Internal Hysteresis Eliminates
Output Chatter Caused By Input Noise Voltage.
4.2
Open-Drain Output
The open-drain output is designed to make level-
shifting and wired-OR logic easy to implement. The
output can go as high as 10V for 9V battery-powered
applications. The output stage minimizes switching cur-
rent (shoot-through current from supply-to-supply)
when the output changes state. See Figures 2-15, 2-18
and 2-37 through 2-41, for more information.
4.3
MCP6548 Chip Select (CS)
The MCP6548 is a single comparator with a Chip
Select (CS) pin. When CS is pulled high, the total
current consumption drops to 20 pA (typical). 1 pA
(typical) flows through the CS pin, 1 pA (typical) flows
through the output pin and 18 pA (typical) flows through
the VDD pin, as shown in Figure 1-1. When this
happens, the comparator output is put into a high-
impedance state. By pulling CS low, the comparator is
enabled. If the CS pin is left floating, the comparator will
not operate properly. Figure 1-1 shows the output
voltage and supply current response to a CS pulse.
The internal CS circuitry is designed to minimize
glitches when cycling the CS pin. This helps conserve
power, which is especially important in battery-powered
applications.
4.4
Externally Set Hysteresis
Greater flexibility in selecting hysteresis, or input trip
points, is achieved by using external resistors.
Input offset voltage (VOS) is the center (average) of the
(input-referred) low-high and high-low trip points. Input
hysteresis voltage (VHYST) is the difference between
the same trip points. Hysteresis reduces output
chattering when one input is slowly moving past the
other, thus reducing dynamic supply current. It also
helps in systems where it is best not to cycle between
states too frequently (e.g., air conditioner thermostatic
control).
4.4.1
INVERTING CIRCUIT
Figure 4-4 shows an inverting circuit for a single-supply
application using three resistors, besides the pull-up
resistor. The resulting hysteresis diagram is shown in
Figure 4-5.
FIGURE 4-4:
Inverting Circuit with
Hysteresis.
FIGURE 4-5:
Hysteresis Diagram for the
Inverting Circuit.
In order to determine the trip voltages (VTHL and VTLH)
for the circuit shown in Figure 4-4, R2 and R3 can be
simplified to the Thevenin equivalent circuit with
respect to VDD, as shown in Figure 4-6.
FIGURE 4-6:
Thevenin Equivalent Circuit.
-3
-2
-1
0
1
2
3
4
5
6
7
8
Time (100 ms/div)
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
V
OUT
V
IN–
VDD = 5.0V
Hysteresis
VIN
VOUT
MCP654X
VDD
R2
RF
R3
VPU
RPU
VDD
IOL
IRF
IPU
VOUT
High-to-Low
Low-to-High
VOH
VOL
VSS
VSS
VDD
VTLH VTHL
VIN
VPU
VTLH = trip voltage from low to high
VTHL = trip voltage from high to low
V23
VOUT
MCP654X
VPU
R23
RF
+
-
RPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com