Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16CP554APM Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TL16CP554APM
Description  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16CP554APM Datasheet(HTML) 27 Page - Texas Instruments

Back Button TL16CP554APM Datasheet HTML 23Page - Texas Instruments TL16CP554APM Datasheet HTML 24Page - Texas Instruments TL16CP554APM Datasheet HTML 25Page - Texas Instruments TL16CP554APM Datasheet HTML 26Page - Texas Instruments TL16CP554APM Datasheet HTML 27Page - Texas Instruments TL16CP554APM Datasheet HTML 28Page - Texas Instruments TL16CP554APM Datasheet HTML 29Page - Texas Instruments TL16CP554APM Datasheet HTML 30Page - Texas Instruments TL16CP554APM Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509E − AUGUST 2001 − REVISED JUNE 2010
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
modem-control register (MCR)
The MCR controls the interface with the modem or data set as described in Figure 19. The MCR can be written
and read. Outputs RTS and DTR are directly controlled by their control bits in this register. A high input asserts
a low signal (active) at the output terminals. MCR bits 0, 1, 2, 3, and 4 are shown as follows:
D Bit 0: When MCR0 is set, the DTR output is forced low. When MCR0 is cleared, the DTR output is forced
high. The DTR output of the serial channel may be input into an inverting line driver in order to obtain the
proper polarity input at the modem or data set.
D Bit1: When MCR1 is set, the RTS output is forced low. When MCR1 is cleared, the RTS output is forced
high. The RTS output of the serial channel may be input into an inverting line driver to obtain the proper
polarity input at the modem or data set.
D Bit 2: MCR2 has no effect on operation.
D Bit 3: When MCR3 is set, the external serial channel interrupt is enabled.
D Bit 4: MCR4 provides a local loopback feature for diagnostic testing of the channel. When MCR4 is set,
serial output TXx is set to the marking (high) state and SIN is disconnected. The output of the TSR is looped
back into the RSR input. The four modem control inputs (CTS, DSR, DCD, and RI) are disconnected. The
four modem control output bits (DTR, RTS, OUT1, and OUT2) are internally connected to the four modem
control input bits (DSR, CTS, RI, and DCD), respectively. The modem control output terminals are forced
to their inactive (high) state. In the diagnostic mode, data transmitted is received by its own receiver. This
allows the processor to verify the transmit and receive data paths of the selected serial channel. Interrupt
control is fully operational; however, modem-status interrupts are generated by controlling the lower four
MCR bits internally. Interrupts are not generated by activity on the external terminals represented by those
four bits.
D Bit 5: This bit is the autoflow control enable (AFE). When set, the autoflow control is enabled, as described
in the detailed description.
The ACE flow control can be configured by programming bits 1 and 5 of the MCR, as shown in Table 7.
Table 7. ACE Flow Configuration
MSR BIT 5
(AFE)
MSR BIT 1
(RTS)
ACE FLOW CONFIGURATION
1
1
Auto-RTS and auto-CTS enabled (autoflow control enabled)
1
0
Auto-CTS only enabled
0
X
Auto-RTS and auto-CTS disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com