Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16CP554APM Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL16CP554APM
Description  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16CP554APM Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL16CP554APM Datasheet HTML 6Page - Texas Instruments TL16CP554APM Datasheet HTML 7Page - Texas Instruments TL16CP554APM Datasheet HTML 8Page - Texas Instruments TL16CP554APM Datasheet HTML 9Page - Texas Instruments TL16CP554APM Datasheet HTML 10Page - Texas Instruments TL16CP554APM Datasheet HTML 11Page - Texas Instruments TL16CP554APM Datasheet HTML 12Page - Texas Instruments TL16CP554APM Datasheet HTML 13Page - Texas Instruments TL16CP554APM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509E − AUGUST 2001 − REVISED JUNE 2010
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
read cycle timing requirements over recommended ranges of operating free-air temperature and
supply voltage (see Figure 4)
MIN
MAX
UNIT
tw4
Pulse duration, IOR low
75
ns
tsu1
Setup time, CSx valid before IOR low (see Note 2)
10
ns
tsu2
Setup time, A2 − A0 valid before IOR low (see Note 2)
15
ns
th1
Hold time, A2 − A0 valid after IOR high (see Note 2)
0
ns
th2
Hold time, CSx valid after IOR high (see Note 2)
0
ns
td1
Delay time, tsu2 + tw4 + td2 (see Note 3)
140
ns
td2
Delay time, IOR high to IOR or IOW low
50
ns
NOTES:
2. The internal address strobe is always active.
3. In the FIFO mode, td1 = 425 ns (min) between reads of the receiver FIFO and the status registers (interrupt-identification register
and line-status register).
write cycle timing requirements over recommended ranges of operating free-air temperature and
supply voltage (see Figure 5)
MIN
MAX
UNIT
tw5
Pulse duration, IOW
↓
50
ns
tsu3
Setup time, CSx valid before IOW
↓ (see Note 2)
10
ns
tsu4
Setup time, A2 − A0 valid before IOW
↓ (see Note 2)
15
ns
tsu5
Setup time, D7 − D0 valid before IOW
↑
10
ns
th3
Hold time, A2 − A0 valid after IOW
↑ (see Note 2)
5
ns
th4
Hold time, CSx valid after IOW
↑ (see Note 2)
5
ns
th5
Hold time, D7 − D0 valid after IOW
↑
25
ns
td3
Delay time, tsu4 + tw5 + td4
120
ns
td4
Delay time, IOW
↑ to IOW or IOR↓
55
ns
NOTE 2: The internal address strobe is always active.
read cycle switching characteristics over recommended ranges of operating free-air temperature
and supply voltage, CL = 100 pF (see Note 4 and Figure 4)
PARAMETER
MIN
MAX
UNIT
ten
Enable time, IOR
↓ to D7−D0 valid
30
ns
tdis
Disable time, IOR
↑ to D7−D0 released
0
20
ns
NOTE 4: VOL and VOH (and the external loading) determine the charge and discharge time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com