Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16CP554APM Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL16CP554APM
Description  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16CP554APM Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL16CP554APM Datasheet HTML 3Page - Texas Instruments TL16CP554APM Datasheet HTML 4Page - Texas Instruments TL16CP554APM Datasheet HTML 5Page - Texas Instruments TL16CP554APM Datasheet HTML 6Page - Texas Instruments TL16CP554APM Datasheet HTML 7Page - Texas Instruments TL16CP554APM Datasheet HTML 8Page - Texas Instruments TL16CP554APM Datasheet HTML 9Page - Texas Instruments TL16CP554APM Datasheet HTML 10Page - Texas Instruments TL16CP554APM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509E − AUGUST 2001 − REVISED JUNE 2010
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
NAME
FN
NO.
PM
NO.
PN
NO.
I/O
DESCRIPTION
RIA, RIB,
RIC, RID
19, 30,
50, 63
18, 43,
58, 3
I
Ring detect indicator. A low on RIx indicates the modem has received a ring signal from
the telephone line. The condition of this signal can be checked by reading bit 6 of the
modem-status register.
RTSA, RTSB,
RTSC, RTSD
5, 13,
36, 44
26, 35,
66, 75
O
Request to send. When active, RTS informs the modem or data set that the ACE is ready
to receive data. RTS is set to the active level by setting the RTS modem-control register
bit, and is set to the inactive (high) level either as a result of a master reset, or during
loop-mode operations, or by clearing bit 1 (RTS) of the MCR. In the auto-RTS mode, RTS
is set to the inactive level by the receiver threshold-control logic.
RXA, RXB
RXC, RXD
7, 29,
41, 63
20, 29,
51, 62
17, 44,
57, 4
I
Serial input. RXx is a serial-data input from a connected communications device. During
loopback mode, the RXx input is disabled from external connection and connected to the
TXx output internally.
RXRDY
38
54
O
Receive ready. RXRDY goes low when the receive FIFO is full. It can be used as a single
transfer or multitransfer.
TXA, TXB
TXC, TXD
17, 19,
51, 53
8, 10,
39, 41
29, 32,
69, 72
O
Transmit outputs. TXx is a composite serial-data output connected to a communications
device. TXA, TXB, TXC, and TXD are set to the marking (high) state as a result of reset.
TXRDY
39
55
O
Transmit ready. TXRDY goes low when the transmit FIFO is full. It can be used as a single
transfer or multitransfer function.
VCC
13, 30,
47, 64
21, 35,
52
5, 25,
45, 65
Power supply
XTAL1
35
25
50
I
Crystal input 1 or external clock input. A crystal can be connected to XTAL1 and XTAL2 to
utilize the internal oscillator circuit. An external clock can be connected to drive the
internal-clock circuits.
XTAL2
36
26
51
O
Crystal output 2 or buffered clock output (see XTAL1).
absolute maximum ratings over free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range at any input, VI
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
−0.5 V to VCC + 3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total-power dissipation at (or below) 70
°C
500 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TL16C554A
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TL16C554AI
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage levels are with respect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com