Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-RR45-AQ902 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-RR45-AQ902
Description  0.45mm Leadframe-Based Surface Mount ChipLED Super wide 145 deg viewing angle
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-RR45-AQ902 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-RR45-AQ902 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Moisture Sensitivity
This product is qualified as Moisture Sensitive Level 2a per Jedec J-STD-020. Precautions when handling this moisture
sensitive product is important to ensure the reliability of the product. Do refer to Avago Application Note AN5305
Handling of Moisture Sensitive Surface Mount Devices for details.
A. Storage before use
– Unopen moisture barrier bag (MBB) can be stored at <40°C/90%RH for 12 months. If the actual shelf life has
exceeded 12 months and the HIC indicates that baking is not required, then it is safe to reflow the LEDs per the
original MSL rating.
– It is not recommended to open the MBB prior to assembly (e.g. for IQC).
B. Control after opening the MBB
– The humidity indicator card (HIC) shall be read immediately upon opening of MBB.
– The LEDs must be kept at <30°C/60%RH at all time and all high temperature related process including soldering,
curing or rework need to be completed within 672 hours.
C. Control for unfinished reel
– For any unuse LEDs, they need to be stored in sealed MBB with desiccant or desiccator at <5%RH.
D. Control of assembled boards
– If the PCB soldered with the LEDs is to be subjected to other high temperature processes, the PCB need to be
stored in sealed MBB with desiccant or desiccator at <5%RH to ensure no LEDs have exceeded their floor life of
672 hours.
E. Baking is required if:
– “10%” or “15%” HIC indicator turns pink.
– The LEDs are exposed to condition of >30°C/60% RH at any time.
– The LEDs floor life exceeded 672 hours.
Recommended baking condition: 60±5°C for 20 hours.
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 005-008 Avago Technologies. All rights reserved.
AV0-08EN - December , 008



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com