Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-RR45-AQ902 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-RR45-AQ902
Description  0.45mm Leadframe-Based Surface Mount ChipLED Super wide 145 deg viewing angle
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-RR45-AQ902 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-RR45-AQ902 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Figure 1. Relative intensity vs. wavelength.
Figure 2. Forward current vs. forward voltage.
Figure 3. Luminous intensity vs. forward current.
Figure 4. Maximum forward current vs. ambient temperature.
Derated based on TJMAX = 110°C, RqJA = 465°C/W
Figure 5. Radiation pattern.
Figure 6. Recommended soldering land pattern.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1mm (±0.004in.) unless otherwise specified.
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0
5
10
15
20
25
30
IF - FORWARD CURRENT - mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
ANGLE
0
5
10
15
20
25
0
20
40
60
80
100
120
AMBIENT TEMPERATURE - °C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
380
430
480
530
580
630
680
730
780
WAVELENGTH-nm
YELLOW
GREEN
AMBER
ORANGE
RED
1
10
100
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
VF - FORWARD VOLTAGE - V
RED
AMBER/
ORANGE
YELLOW
GREEN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com