Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-RR45-AQ902 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-RR45-AQ902
Description  0.45mm Leadframe-Based Surface Mount ChipLED Super wide 145 deg viewing angle
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-RR45-AQ902 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-RR45-AQ902 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-RR45-AQ902 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image

Intensity Bin Select (X3X4)
Individual reel will contain parts from one half bin only
X3
Min IV Bin
X4
0
Full Distribution
2
2 half bins starting from X31
3
3 half bins starting from X31
4
4 half bins starting from X31
5
5 half bins starting from X31
6
2 half bins starting from X32
7
3 half bins starting from X32
8
4 half bins starting from X32
9
5 half bins starting from X32
Light Intensity (IV) Bin Limits
Bin ID
Intensity (mcd)
Min.
Max.
A1
0.11
0.14
A2
0.14
0.18
B1
0.18
0.23
B2
0.23
0.29
C1
0.29
0.36
C2
0.36
0.45
D1
0.45
0.57
D2
0.57
0.72
E1
0.72
0.90
E2
0.90
1.10
F1
1.10
1.41
F2
1.41
1.80
G1
1.80
2.24
G2
2.24
2.80
H1
2.80
3.55
H2
3.55
4.50
J1
4.50
5.70
J2
5.70
7.20
K1
7.20
9.00
K2
9.00
11.20
L1
11.20
14.20
L2
14.20
18.00
M1
18.00
22.50
M2
22.50
28.00
N1
28.00
36.00
N2
36.00
45.00
P1
45.00
57.00
P2
57.00
71.50
Q1
71.50
90.00
Q2
90.00
113.00
R1
113.00
142.00
R2
142.00
180.00
S1
180.00
227.00
S2
227.00
285.00
Tolerance: ±15%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com