Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF18BE471RB5RB Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 103 page
background image
R90E.pdf
Sep.24,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
11
Part Number
Max.
Voltage
(V)
Max.
Current
(A)
Hold Current
(at +60 °C)
(mA)
Trip Current
(at -10 °C)
(mA)
Resistance
(at +25 °C)
(ohm)
Curie Point
(°C) *
More
Details
PRG21BC0R2MM1RA
6
10
500
2000
0.2 ±20%
90
page 14
PRG21BC4R7MM1RA
30
5.0
100
400
4.7 ±20%
90
page 14
PRG21BC6R8MM1RA
30
3.5
80
320
6.8 ±20%
90
page 14
PRG21BC1R0MM1RA
12
10
220
850
1.0 ±20%
90
page 14
PRG21BC2R2MM1RA
16
6.5
150
600
2.2 ±20%
90
page 14
PRG21BC3R3MM1RA
20
6.0
120
480
3.3 ±20%
90
page 14
PRG21BC0R6MM1RA
6
10
285
1100
0.6 ±20%
90
page 14
*Curie Point means the temperature at which the resistance value reaches twice the resistance at 25°C.
Please ask for details.
POSISTOR
r is an effective current limit solution based
on LED's allowable current and temperature
characteristics.
(1) LED lighting instruments
(2) LED backlight of flat displays
c Current Limiter for LED
Chip POSISTOR
r: PRG series
1. Applications
(1) Higher LED brightness versus a fixed resistor. LED
can work in the smaller series resistance with
POSISTOR
r at normal operation temperature. The
number of LEDs is possibly reduced.
(2) LED lifetime may be extended due to the current
limiting function of the POSISTOR
r in cases of
overheat or overcurrent situation.
(3) Small 0805 package allows the POSISTOR
r to be
placed close to the LED. It offers accurate detection of
ambient temperature near LED and increases
flexibility of packaging.
2. Benefits
Choose an appropriate part number having max. voltage
and resistance value. Review the protective threshold
current range based on the operating current and
temperature of the LED.
3. Recommended part numbers
IC
LED Driving Circuit
LED Current
Protected by
POSISTOR
r
Higher brightness vs.
a fixed resistor
Current Limit by
a fixed resistor
Allowable LED
Working Zone
Ambient Temp.
IC
Allowable LED
Working Zone
Ambient Temp.
Application Notes
See below figures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com