Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF18BE471RB5RB Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  PRF18BE471RB5RB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 103 page
background image
R90E.pdf
Sep.24,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
CONTENTS
POSISTOR
r and "POSISTOR" in this catalog are
the trademarks of Murata Manufacturing Co., Ltd.
Part Numbering
2
Basic Characteristics of POSISTOR
r
5
Selection Guide
7
Application Matrix
8
Application Notes
9
Overcurrent Protection Chip Type
13
Chip Type Specifications and Test Methods
20
Overcurrent Protection Narrow Current Band 30V Series
22
Overcurrent Protection Narrow Current Band 51/60V Series
25
Overcurrent Protection Narrow Current Band 140V Series
30
Overcurrent Protection 16V Series
33
Overcurrent Protection 24/30/32V Series
36
Overcurrent Protection 56/80V Series
43
Overcurrent Protection 125/140V Series
49
Overcurrent Protection 250/265V Series
56
PTGL Series Narrow Current Band Specifications and Test Methods
64
PTGL Series Specifications and Test Methods
66
Inrush Current Suppression (Less than 100μF)
67
Inrush Current Suppression for High Capacitance (100μF or more)
68
Inrush Current Suppression Specifications and Test Methods
69
Overheat Sensing Chip Tight Tolerance Type
70
Overheat Sensing Chip Type
71
Overheat Sensing Chip Type (Related Data)
72
Overheat Sensing Chip Tight Tolerance Type (Reference Data)
73
Overheat Sensing Chip Type (Reference Data)
76
Overheat Sensing Chip Tight Tolerance Type Specifications and Test Methods
78
Overheat Sensing Chip Type Specifications and Test Methods
81
Overheat Sensing Lead Type
82
Temperature Sensor Lead Type Specifications and Test Methods
86
!Caution/Notice
87
Chip Type PRG/PRF Series Package
97
Lead Type PTGL/PTF Series Package
98
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1
2
3
4
5
6
7
8
9
10
11
12
13
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com