Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF18BE471RB5RB Datasheet(PDF) 38 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 38 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 103 page
background image
POSISTOR
r for Circuit Protection
Overcurrent Protection 24/30/32V Series
The safety resistor "POSISTOR" is most suited to meet
the requirements of the safety standard short-circuit tests
such as IEC, VDE, BS, UL, CSA, etc., worldwide.
c Features
1. Best suited to meet the requirements of the short-
circuit test. Quick response compared with current
fuse and resistor and error-free operation are
assured.
2. Small size save board space. Capable of being
mounted anywhere because replacement is not
required.
3. Actuates by excessive current during the short-
circuit test to restrain abnormal heat generation
in other circuit components and printed boards.
This state will be maintained until the abnormal
state is removed or power is turned off to reset
the "POSISTOR" to the original state. Surface
temperature of "POSISTOR" is kept low, below a
certain value, during the actuation.
4. Non-contact design leads to long life and no noise.
Durable and strong against mechanical vibration
and shock because it is a solid element.
D max.
F±1.5
(in mm)
T max.
ød
±0.05
Part Number
Max.
Voltage
(V)
Hold Current
(at +60°C)
(mA)
Hold Current
(at +25°C)
(mA)
Trip Current
(at +25°C)
(mA)
Trip Current
(at -10°C)
(mA)
Max.
Current
(A)
Resistance
(at +25°C)
(ohm)
Body
Diameter
(D) (mm)
Thickness
(T)
(mm)
Lead
Space
(F) (mm)
Lead
Diameter
(phi d) (mm)
PTGL07BD100N2B51B0
24
80
124
251
320
2.0
10 ±30%
7.4
4.0
5.0
0.6
PTGL07BD6R8N2B51B0
24
90
139
296
370
2.0
6.8 ±30%
7.4
4.0
5.0
0.6
PTGL09BD4R7N2B51B0
24
120
216
398
500
2.0
4.7 ±30%
9.5
4.0
5.0
0.6
PTGL09BD3R3N2B51B0
24
140
248
461
580
2.0
3.3 ±30%
9.5
4.0
5.0
0.6
PTGL09BD2R2N2B51B0
24
180
326
431
710
2.0
2.2 ±30%
9.5
4.0
5.0
0.6
PTGL04AR130H2B51B0
30
145
180
350
400
0.7
13 ±25%
5.5
4.0
5.0
0.6
PTGL07AR4R6H2B51B0
30
250
340
610
700
2.0
4.6 ±25%
7.4
4.0
5.0
0.6
PTGL09AR1R8H2B51B0
30
410
510
970
1120
3.0
1.8 ±25%
9.5
4.0
5.0
0.6
PTGL12AR1R2H2B51B0
30
520
645
1225
1420
4.3
1.2 ±25%
12.0
4.0
5.0
0.6
PTGL13AR0R8H2B71B0
30
680
870
1600
1900
5.5
0.8 ±25%
13.5
4.0
7.5
0.6
PTGL07BD470N3B51B0
32
30
55
115
140
1.5
47 ±30%
7.4
4.0
5.0
0.6
PTGL07BD330N3B51B0
32
40
60
135
170
1.5
33 ±30%
7.4
4.0
5.0
0.6
PTGL07BD220N3B51B0
32
45
75
160
200
1.5
22 ±30%
7.4
4.0
5.0
0.6
PTGL07BD150N3B51B0
32
60
100
195
240
1.5
15 ±30%
7.4
4.0
5.0
0.6
Maximum Current shows typical capacities of the transformer which can be used.
24/30/32V Series are recognized by UL (except PTGL13AR0R8H2B71B0).
Only PTGL_51B0 series are available in taping type (except PTGL12AR1R2H2B51B0). Please refer to the page of "Package" information for details.
R90E.pdf
Sep.24,2012
36
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com