Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH75N15 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTH75N15
Description  High Current Power MOSFET N-Channel Enhancement Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH75N15 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTH75N15 Datasheet HTML 1Page - IXYS Corporation IXTH75N15 Datasheet HTML 2Page - IXYS Corporation IXTH75N15 Datasheet HTML 3Page - IXYS Corporation IXTH75N15 Datasheet HTML 4Page - IXYS Corporation IXTH75N15 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,381,025
6,162,665
6,306,728 B1 6,534,343
6,683,344
one or moreof the following U.S. patents:
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,486,715
6,259,123B1 6,404,065B1 6,583,505
6,710,405B2
IXTH 75N15
IXTT 75N15
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ. Max.
g
fs
V
DS = 10 V; ID = 0.5 ID25, pulse test
34
45
S
C
iss
5400
pF
C
oss
V
GS
= 0 V, V
DS = 25 V, f = 1 MHz
1100
pF
C
rss
420
pF
t
d(on)
24
ns
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
33
ns
t
d(off)
R
G
= 2
Ω (External)
70
ns
t
f
17
ns
Q
g(on)
210
nC
Q
gs
V
GS = 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
45
nC
Q
gd
90
nC
R
thJC
0.35
K/W
R
thCK
(TO-247)
0.21
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS = 0 V
75
A
I
SM
Repetitive
300
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
TO-247 AD Outline
Terminals: 1 - Gate
2 - Drain
3 - Source
Tab - Drain
1
2
3
TO-268 Outline
Terminals: 1 - Gate
2 - Drain
3 - Source
Tab - Drain
Min Recommended Footprint
T
rr
I
F = 25A
-di/dt = 100 A/
µs
V
R = 100V
Q
RM
150
2.0
ns
µC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com