Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH75N15 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTH75N15
Description  High Current Power MOSFET N-Channel Enhancement Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH75N15 Datasheet(HTML) 3 Page - IXYS Corporation

  IXTH75N15 Datasheet HTML 1Page - IXYS Corporation IXTH75N15 Datasheet HTML 2Page - IXYS Corporation IXTH75N15 Datasheet HTML 3Page - IXYS Corporation IXTH75N15 Datasheet HTML 4Page - IXYS Corporation IXTH75N15 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2004 IXYS All rights reserved
Fig. 2. Extended Output Characteristics
@ 25 deg. C
0
20
40
60
80
100
120
140
160
180
200
01
23
45
67
8
9
10
V
D S - V olts
VGS = 10V
9V
8V
5V
6V
7V
Fig. 3. Output Characteristics
@ 125 Deg. C
0
10
20
30
40
50
60
70
80
00.5
11.5
2
2.533.5
4
V
D S - V olts
VGS = 10V
9V
8V
7V
5V
6V
Fig. 1. Output Characteristics
@ 25 Deg. C
0
10
20
30
40
50
60
70
80
0
0.2 0.4 0.6 0.8
1
1.2 1.4
1.6 1.8
2
V
D S - V olts
VGS = 10V
8V
7V
5V
6V
Fig. 4. R
DS(on) Nor m alize d to ID25 Value vs .
Junction Tem perature
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-50
-25
0
25
50
75
100
125
150
T
J - Degrees Centigrade
ID = 75A
ID = 37.5A
VGS = 10V
Fig. 6. Drain Current vs. Case
Tem perature
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
150
T
C - Degrees Centigrade
Fig. 5. R
DS(on) Nor m alize d to ID25
Value vs. I
D
0.8
1
1.2
1.4
1.6
1.8
2
0
20
40
60
80
100 120 140 160 180 200
I
D - A mperes
TJ = 125ºC
TJ = 25ºC
VGS = 10V
IXTH 75N15
IXTT 75N15



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com