Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH75N15 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH75N15
Description  High Current Power MOSFET N-Channel Enhancement Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH75N15 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH75N15 Datasheet HTML 1Page - IXYS Corporation IXTH75N15 Datasheet HTML 2Page - IXYS Corporation IXTH75N15 Datasheet HTML 3Page - IXYS Corporation IXTH75N15 Datasheet HTML 4Page - IXYS Corporation IXTH75N15 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,381,025
6,162,665
6,306,728 B1 6,534,343
6,683,344
one or moreof the following U.S. patents:
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,486,715
6,259,123B1 6,404,065B1 6,583,505
6,710,405B2
Fig. 11. Capacitance
100
1000
10000
0
5
10
15
20
25
30
35
40
V
D S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100 120 140 160
180
Q
G - nanoCoulombs
VDS = 75V
ID = 37.5A
IG = 10mA
Fig. 7. Input Adm ittance
0
20
40
60
80
100
120
140
160
180
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
V
G S - V olts
TJ = 125ºC
25ºC
-40ºC
Fig. 8. Transconductance
0
10
20
30
40
50
60
70
80
0
30
60
90
120
150
180
I
D - A mperes
TJ = -40ºC
25ºC
125ºC
Fig. 9. Source Current vs. Source-To-
Drain Voltage
0
20
40
60
80
100
120
140
160
180
200
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
V
S D - V olts
TJ = 125ºC
TJ = 25ºC
Fig. 12. Forw ard-Bias
Safe Operating Area
1
10
100
1000
1
10
100
1000
VD S - Volts
100µs
1ms
DC
T
J = 150ºC
T
C = 25ºC
R
DS(on) Limit
10ms
25µs
IXTH 75N15
IXTT 75N15



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com