Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXEL40N400 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXEL40N400
Description  Very High Voltage IGBT ( Electrically Isolated Tab)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXEL40N400 Datasheet(HTML) 2 Page - IXYS Corporation

  IXEL40N400 Datasheet HTML 1Page - IXYS Corporation IXEL40N400 Datasheet HTML 2Page - IXYS Corporation IXEL40N400 Datasheet HTML 3Page - IXYS Corporation IXEL40N400 Datasheet HTML 4Page - IXYS Corporation IXEL40N400 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXEL40N400
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = IC110, VCE = 10V, Note 1
14
24
S
I
SC
I
C = IC110, VCC = 3400V, VCM < 4000V
200
A
V
GE = 15V, tSC < 10μs
C
ies
6040
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
278
pF
C
res
120
pF
R
Gint
5.2
Ω
Q
g(on)
275
nC
Q
ge
I
C = IC110, VGE = 15V, VCE = 1000 V
63
nC
Q
gc
134
nC
t
d(on)
160
ns
t
ri
100
ns
E
on
55
mJ
t
d(off)
630
ns
t
fi
425
ns
E
off
165
mJ
t
d(on)
155
ns
t
ri
105
ns
E
on
85
mJ
t
d(off)
715
ns
t
fi
455
ns
E
off
205
mJ
R
thJC
0.26 °C/W
R
thCK
(Pressure Mount)
0.15
°C/W
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
ISOPLUS i5-PakTM HV Outline
Pin 1 = Gate
Pin 2 = Emitter
Pin 3 = Collector
Tab 4 = Isolated
SYM
INCHES
MILLIMETER
MIN
MAX
MIN
MAX
A
0.190
0.205
4.83
5.21
A1
0.102
0.118
2.59
3.00
A2
0.046
0.055
1.17
1.40
b
0.045
0.055
1.14
1.40
b1
0.063
0.072
1.60
1.83
b2
0.058
0.068
1.47
1.73
c
0.020
0.029
0.51
0.74
D
1.020
1.040
25.91
26.42
E
0.770
0.799
19.56
20.29
e
0.150 BSC
3.81 BSC
e1
0.450 BSC
11.43 BSC
L
0.780
0.820
19.81
20.83
L1
0.080
0.102
2.03
2.59
Q
0.210
0.235
5.33
5.97
Q1
0.490
0.513
12.45
13.03
R
0.150
0.180
3.81
4.57
R1
0.100
0.130
2.54
3.30
S
0.668
0.690
16.97
17.53
T
0.801
0.821
20.34
20.85
U
0.065
0.080
1.65
2.03
e1
e1
3
1 2
c
E
b3
S
b2
b1
e
4
+
Inductive load, T
J = 25°C
I
C = IC110, VGE = 15V
V
CE = 2800V, RG = 33Ω
Note 3
Inductive load, T
J = 125°C
I
C = IC110, VGE = 15V
V
CE = 2800V, RG = 33Ω
Note 3
Notes:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. Part must be heatsunk for high-temp I
CES measurement.
3. Switching times & energy losses may increase for higher V
CE(Clamp), TJ or RG.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com