Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXEL40N400 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXEL40N400
Description  Very High Voltage IGBT ( Electrically Isolated Tab)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXEL40N400 Datasheet(HTML) 5 Page - IXYS Corporation

  IXEL40N400 Datasheet HTML 1Page - IXYS Corporation IXEL40N400 Datasheet HTML 2Page - IXYS Corporation IXEL40N400 Datasheet HTML 3Page - IXYS Corporation IXEL40N400 Datasheet HTML 4Page - IXYS Corporation IXEL40N400 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2012 IXYS CORPORATION, All Rights Reserved
IXEL40N400
IXYS REF: EL_40N400 9-27-12
Fig. 12. Typ. Swicthing Characteristics vs.
Collector Current
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.32
0.36
0.40
0
1020
30
40
5060
70
80
90
IC - Amperes
Eoff
Eon
VCC = 2800V, RG = 33Ω
VGE = 15V, TJ = 125ºC
Fig. 13. Typ. Swicthing Characteristics vs.
Gate Resistor
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
50
100
150
200
250
RG - Ohms
Eoff
Eon
VCC = 2800V, IC = 40A
VGE = 15V, TJ = 125ºC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com