Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXEL40N400 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXEL40N400
Description  Very High Voltage IGBT ( Electrically Isolated Tab)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXEL40N400 Datasheet(HTML) 1 Page - IXYS Corporation

  IXEL40N400 Datasheet HTML 1Page - IXYS Corporation IXEL40N400 Datasheet HTML 2Page - IXYS Corporation IXEL40N400 Datasheet HTML 3Page - IXYS Corporation IXEL40N400 Datasheet HTML 4Page - IXYS Corporation IXEL40N400 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2012 IXYS CORPORATION, All Rights Reserved
V
CES
= 4000V
I
C110
= 40A
V
CE(sat) ≤
≤≤≤≤ 3.2V
IXEL40N400
DS99385B(09/12)
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 150°C
4000
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C
90
A
I
C110
T
C = 110°C
40
A
I
CM
Pulse Width Limited by T
JM, 1ms, VGE = 25V
400
A
P
C
T
C = 25°C
380
W
T
J
- 40 ... +150
°C
T
JM
150
°C
T
stg
- 40 ... +150
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062 in.) from Case for 10s
260
°C
V
ISOL
I
ISOL < 1mA, 50/60 Hz, t = 1 minute
4000
V~
F
C
Mounting Force
30..170 / 7..36
Nm/lb-in.
Weight
8g
Very High Voltage
IGBT
G = Gate
C = Collector
E = Emitter
ISOPLUS i5-PakTM
G
C
E
Isolated Tab
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
V
GE(th)
I
C
= 10mA, V
CE = VGE
5.5
7.0
V
I
CES
V
CE = VCES, VGE = 0V
100
μA
Note 2, T
J = 125°C
1.5
mA
I
GES
V
CE = 0V, VGE = ±20V
±500
nA
V
CE(sat)
I
C
= I
C110, VGE = 15V, Note 1
2.4
3.2
V
T
J = 125°C
3.0
V
t
fi(typ)
= 425ns
Features
Silicon Chip on Direct-Copper Bond
(DCB) Substrate
Isolated Mounting Surface
4000V~ Electrical Isolation
UL Recognized Package
High Peak Current Capability
Low Saturation Voltage
Molding Epoxies Meet UL 94 V-0
Flammability Classification
Advantages
High Power Density
Easy to Mount
Applications
Capacitor Discharge
Pulser Circuits
( Electrically Isolated Tab)


Similar Part No. - IXEL40N400

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXEH25N120 IXYS-IXEH25N120 Datasheet
182Kb / 4P
NPT3 IGBT
IXEH40N120 IXYS-IXEH40N120 Datasheet
81Kb / 4P
NPT3 IGBT
logo
Inchange Semiconductor ...
IXEH40N120 ISC-IXEH40N120 Datasheet
326Kb / 2P
NPT IGBT
logo
IXYS Corporation
IXEH40N120D1 IXYS-IXEH40N120D1 Datasheet
81Kb / 4P
NPT3 IGBT
logo
Inchange Semiconductor ...
IXEH40N120D1 ISC-IXEH40N120D1 Datasheet
358Kb / 2P
NPT IGBT
More results

Similar Description - IXEL40N400

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTF1N400 IXYS-IXTF1N400 Datasheet
152Kb / 4P
High Voltage Power MOSFET (Electrically Isolated Tab) N-Channel Enhancement Mode
IXGR16N170AH1 IXYS-IXGR16N170AH1 Datasheet
528Kb / 2P
High Voltage IGBT with Diode Electrically Isolated Tab
logo
M.S. Kennedy Corporatio...
MSK5115-00 MSK-MSK5115-00_15 Datasheet
389Kb / 5P
Electrically Isolated Top Tab or Z Tab SIP
MSK5116-17 MSK-MSK5116-17_15 Datasheet
123Kb / 5P
Electrically Isolated Top Tab or Z Tab SIP
MSK5116-50 MSK-MSK5116-50_15 Datasheet
123Kb / 5P
Electrically Isolated Top Tab or Z Tab SIP
MSK5131-17 MSK-MSK5131-17_15 Datasheet
122Kb / 5P
Electrically Isolated Top Tab or Z Tab SIP
MSK5131-120 MSK-MSK5131-120_15 Datasheet
122Kb / 5P
Electrically Isolated Top Tab or Z Tab SIP
logo
IXYS Corporation
IXGR39N60B IXYS-IXGR39N60B Datasheet
519Kb / 2P
HiPerFASTTM IGBT (Electrically Isolated Backside)
IXGR40N60B IXYS-IXGR40N60B Datasheet
58Kb / 2P
HiPerFASTTM IGBT (Electrically Isolated Backside)
IXGR50N60A2U1 IXYS-IXGR50N60A2U1 Datasheet
150Kb / 6P
Low Saturation Voltage IGBT with Low Forward Drop Diode Electrically Isolated Mounting Tab
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com